Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C64-DRDW8TP Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C64-DRDW8TP
Description  64-Kbit serial IC bus EEPROM - 105C operation
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRDW8TP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C64-DRDW8TP Datasheet HTML 4Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 5Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 6Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 7Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 8Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 9Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 10Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 11Page - STMicroelectronics M24C64-DRDW8TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Signal description
M24C64-DRE
8/40
DocID027358 Rev 1
2
Signal description
2.1
Serial Clock (SCL)
The signal applied on this input is used to strobe the data available on SDA(in) and to output
the data on SDA(out).
2.2
Serial Data (SDA)
SDA is an input/output used to transfer data in or out of the device. SDA(out) is an open
drain output that may be wire-OR’ed with other open drain or open collector signals on the
bus. A pull up resistor must be connected between SDA and VCC (Figure 10 and Figure 11
indicates how to calculate the value of the pull-up resistor).
2.3
Chip Enable (E2, E1, E0)
(E2,E1,E0) input signals are used to set the value that is to be looked for on the three least
significant bits (b3, b2, b1) of the 7-bit device select code (see Table 2). These inputs must
be tied to VCC or VSS, as shown in Figure 3. When not connected (left floating), these inputs
are read as low (0).
Figure 3. Device select code
2.4
Write Control (WC)
This input signal is useful for protecting the entire contents of the memory from inadvertent
write operations. Write operations are disabled to the entire memory array when Write
Control (WC) is driven high. Write operations are enabled when Write Control (WC) is either
driven low or left floating.
When Write Control (WC) is driven high, device select and address bytes are
acknowledged, Data bytes are not acknowledged.


Similar Part No. - M24C64-DRDW8TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-DRDW3TG STMICROELECTRONICS-M24C64-DRDW3TG Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-DRDW3TP STMICROELECTRONICS-M24C64-DRDW3TP Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C64-DRDW8TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
   64-Kbit serial SPI bus EEPROM - 105C operation
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
   8-Kbit serial IC bus EEPROM - 105C operation
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
   512-Kbit serial IC bus EEPROM - 105C operation
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
   2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
   4-Kbit serial IC bus EEPROM - 105C operation
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
   32-Kbit serial IC bus EEPROM - 105C operation
M24C16-DRE STMICROELECTRONICS-M24C16-DRE Datasheet
1Mb / 39P
   16-Kbit serial IC bus EEPROM - 105C operation
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com