Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDS82280XX Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # RDS82280XX
Description  GENERAL PURPOSE RECTIFIER DIODE 8000 Amperes 2500 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RDS82280XX Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  RDS82280XX Datasheet HTML 1Page - Powerex Power Semiconductors RDS82280XX Datasheet HTML 2Page - Powerex Power Semiconductors RDS82280XX Datasheet HTML 3Page - Powerex Power Semiconductors RDS82280XX Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RDS8__80XX
GENERAL PURPOSE RECTIFIER DIODE
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724)925-7272
8000 Amperes 2500 Volts
Electrical Characteristics, Tj=25°C unless otherwise specified
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Repetitive Peak Reverse
Leakage Current
IRRM
Tj=175°C, VRRM=Rated
150
300
ma
Peak On-State Voltage
VFM
Tj=175°C, IFM=4000A
0.82
V
VFM Model, Low Level
V0
Tj=175°C
0.654
V
VFM = VO + r•IFM
r
15%
IFM - π•IFM
3.82E-05
VFM Model, High Level
V0
Tj=175°C
0.786
V
VFM = VO + r•IFM
r
π•IFM - IFSM
3.27E-05
VFM Model, 4-Term
A
Tj=175°C
0.218
VFM= A + B•Ln(IFM) +
B
15%IFM - IFSM
5.70E-02
C•(IFM) + D•(IFM)
½
C
3.14E-05
D
8.51E-05
Reverse Recovery Time
t
RR
Tj=25°C, IFM=400A
25
µs
diR/dt = 25 A/µs
Thermal Characteristics
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Thermal Resistance
Junction to Case
jc
Double side cooled
0.007
0.0075
°C/Watt
Case to Sink
cs
Double side cooled
0.001
0.0015
°C/Watt
Thermal Impedance Model
jc
Double side cooled
jc(t) = Σ(A(N)•(1-exp(-t/Tau(N))))
where:
N =
12
3
4
A(N
) = 1.426E-04 9.077E-04
2.373E-03
4.080E-03
Tau(N) = 2.622E-03 2.313E-02
3.049E-01
3.600E+00
Page 3


Similar Part No. - RDS82280XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RDS80610XX POWEREX-RDS80610XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RDS80810XX POWEREX-RDS80810XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RDS81010XX POWEREX-RDS81010XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
More results

Similar Description - RDS82280XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RA202500A POWEREX-RA202500A Datasheet
457Kb / 4P
   General Purpose Rectifier (2500 Amperes Average 4200 Volts)
R9S02630XX POWEREX-R9S02630XX Datasheet
283Kb / 7P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
RDK83085XX POWEREX-RDK83085XX Datasheet
110Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXMMD0412XX POWEREX-RAXMMD0412XX Datasheet
302Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXSMD0412XX POWEREX-RAXSMD0412XX Datasheet
229Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RA204800A POWEREX-RA204800A Datasheet
439Kb / 4P
   General Purpose Rectifier (4800 Amperes Average 1200 Volts)
IN4004 POWEREX-IN4004 Datasheet
582Kb / 4P
   General Purpose Rectifier 275 Amperes Average 1000 Volts
R7S01200A POWEREX-R7S01200A Datasheet
427Kb / 4P
   General Purpose Rectifier (1200 Amperes Average 2400 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com