Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C16-DRMF8TG Datasheet(PDF) 11 Page - STMicroelectronics

Part # M24C16-DRMF8TG
Description  16-Kbit serial IC bus EEPROM - 105C operation
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRMF8TG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M24C16-DRMF8TG Datasheet HTML 7Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 8Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 9Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 10Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 11Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 12Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 13Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 14Page - STMicroelectronics M24C16-DRMF8TG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DocID027242 Rev 1
11/39
M24C16-DRE
Device operation
3.5
Device addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, as
shown in Table 2 .
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding memory device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the memory device does not
match the device select code, it deselects itself from the bus, and goes into Standby mode.
Note:
A: significant address bit.
X: bit is Don’t Care.
Table 2. Device select code
Device type identifier (1)
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
When accessing the
memory
1
0
1
0
A10
A9
A8
RW
When accessing the
identification page
101
1
X
X
X
RW
1. The most significant bit, b7, is sent first.
Table 3. Significant address bits
Memory
(Device type identifier = 1010b)
Identification page
(Device type identifier = 1011b)
Random
Address Read
Write
Read
Identification
page
Write
Identification
page
Lock
Identification
page
Read lock status
b3 (1)
A10
A10
XXX
see Section 4.2.5
b2 (1)
A9
A9
X
X
X
b1 (1)
A8
A8
X
X
X
b7
A7
A7
0
0
1
b6
A6
A6
X
X
X
b5
A5
A5
X
X
X
b4
A4
A4
X
X
X
b3
A3
A3
A3
A3
X
b2
A2
A2
A2
A2
X
b1
A1
A1
A1
A1
X
b0
A0
A0
A0
A0
X
1. Address bits defined inside the DeviceSelect code (see Table 2).


Similar Part No. - M24C16-DRMF8TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-DRMF3TG STMICROELECTRONICS-M24C16-DRMF3TG Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRMF3TP STMICROELECTRONICS-M24C16-DRMF3TP Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C16-DRMF8TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
   8-Kbit serial IC bus EEPROM - 105C operation
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
   512-Kbit serial IC bus EEPROM - 105C operation
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
   2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
   4-Kbit serial IC bus EEPROM - 105C operation
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
   32-Kbit serial IC bus EEPROM - 105C operation
M24C64-DRE STMICROELECTRONICS-M24C64-DRE Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
   64-Kbit serial SPI bus EEPROM - 105C operation
M95160-DRE STMICROELECTRONICS-M95160-DRE Datasheet
736Kb / 40P
   16-Kbit serial SPI bus EEPROM - 105 C Operation
M24C32-FDW5TP STMICROELECTRONICS-M24C32-FDW5TP Datasheet
581Kb / 42P
   32-Kbit serial IC bus EEPROM
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
   4-Kbit serial IC bus EEPROM
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com