Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C16-DRE Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C16-DRE
Description  16-Kbit serial IC bus EEPROM - 105C operation
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRE Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C16-DRE Datasheet HTML 2Page - STMicroelectronics M24C16-DRE Datasheet HTML 3Page - STMicroelectronics M24C16-DRE Datasheet HTML 4Page - STMicroelectronics M24C16-DRE Datasheet HTML 5Page - STMicroelectronics M24C16-DRE Datasheet HTML 6Page - STMicroelectronics M24C16-DRE Datasheet HTML 7Page - STMicroelectronics M24C16-DRE Datasheet HTML 8Page - STMicroelectronics M24C16-DRE Datasheet HTML 9Page - STMicroelectronics M24C16-DRE Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Description
M24C16-DRE
6/38
DocID027242 Rev 1
1
Description
The M24C16-DRE is a 16-Kbit serial EEPROM device operating up to 105 °C. The
M24C16-DRE is compliant with the level of reliability defined by the AEC-Q100 grade 2.
The device is accessed by a simple serial I2C compatible interface running up to 1 MHz.
The memory array is based on advanced true EEPROM technology (electrically erasable
programmable memory). The M24C16-DRE is a byte-alterable memory (2048 × 8 bits)
organized as 128 pages of 16 bytes in which the data integrity is significantly improved with
an embedded Error Correction Code logic.
The M24C16-DRE offers an additional Identification Page (16 bytes) in which the ST device
identification can be read. This page can also be used to store sensitive application
parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram


Similar Part No. - M24C16-DRE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-DRDW3TG STMICROELECTRONICS-M24C16-DRDW3TG Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRDW3TP STMICROELECTRONICS-M24C16-DRDW3TP Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRMF3TG STMICROELECTRONICS-M24C16-DRMF3TG Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRMF3TP STMICROELECTRONICS-M24C16-DRMF3TP Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRMN3TG STMICROELECTRONICS-M24C16-DRMN3TG Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C16-DRE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
   8-Kbit serial IC bus EEPROM - 105C operation
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
   512-Kbit serial IC bus EEPROM - 105C operation
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
   2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
   4-Kbit serial IC bus EEPROM - 105C operation
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
   32-Kbit serial IC bus EEPROM - 105C operation
M24C64-DRE STMICROELECTRONICS-M24C64-DRE Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
   64-Kbit serial SPI bus EEPROM - 105C operation
M95160-DRE STMICROELECTRONICS-M95160-DRE Datasheet
736Kb / 40P
   16-Kbit serial SPI bus EEPROM - 105 C Operation
M24C32-FDW5TP STMICROELECTRONICS-M24C32-FDW5TP Datasheet
581Kb / 42P
   32-Kbit serial IC bus EEPROM
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
   4-Kbit serial IC bus EEPROM
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com