Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F109SC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F109SC
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F109SC Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button 74F109SC Datasheet HTML 2Page - National Semiconductor (TI) 74F109SC Datasheet HTML 3Page - National Semiconductor (TI) 74F109SC Datasheet HTML 4Page - National Semiconductor (TI) 74F109SC Datasheet HTML 5Page - National Semiconductor (TI) 74F109SC Datasheet HTML 6Page - National Semiconductor (TI) 74F109SC Datasheet HTML 7Page - National Semiconductor (TI) 74F109SC Datasheet HTML 8Page - National Semiconductor (TI) 74F109SC Datasheet HTML 9Page - National Semiconductor (TI) 74F109SC Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead (0.300" Wide) Molded Dual-In-Line Package (P)
NS Package Number N16E
16-Lead Ceramic Flatpak (F)
NS Package Number W16A
9
www.national.com
9
PrintDate=1997/08/28 PrintTime=11:45:33 10182 ds009471 Rev. No. 1
cmserv
Proof
9


Similar Part No. - 74F109SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F109SC FAIRCHILD-74F109SC Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109SC FAIRCHILD-74F109SC Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
74F109SC TI1-74F109SC Datasheet
384Kb / 12P
[Old version datasheet]   Dual JK (Note: Overbar Over the K) Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74F109SC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com