Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECP150PS28 Datasheet(PDF) 9 Page - XP Power Limited

Part # ECP150PS28
Description  100W Convection Cooled Rating
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP150PS28 Datasheet(HTML) 9 Page - XP Power Limited

  ECP150PS28 Datasheet HTML 1Page - XP Power Limited ECP150PS28 Datasheet HTML 2Page - XP Power Limited ECP150PS28 Datasheet HTML 3Page - XP Power Limited ECP150PS28 Datasheet HTML 4Page - XP Power Limited ECP150PS28 Datasheet HTML 5Page - XP Power Limited ECP150PS28 Datasheet HTML 6Page - XP Power Limited ECP150PS28 Datasheet HTML 7Page - XP Power Limited ECP150PS28 Datasheet HTML 8Page - XP Power Limited ECP150PS28 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Thermal Considerations
In Order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below must not be
exceeded. Temperature should be monitored using K type thermocouples placed on the hottest part of the component (out of direct air flow). See
Mechanical Details for component locations.
Service Life
The estimated service life of the ECP150 is determined by the cooling arrangements and load conditions experienced in the end application. Due to the
uncertain nature of the end application this estimated service life is based on the actual measured temperature of key capacitors within the product
when installed in the end application.
The graph below expresses the estimated lifetime given component temperature and assumes continuous operation at this temperature.
Estimated Service Life vs Component Temperature
Temperature Measurements (At Maximum Ambient)
Component
Max Temperature °C
TR1 Coil
110°C
L4 Coil
120°C
Q1 Body
120°C
Q2 Body
120°C
C1
105°C
C20
105°C
0
10000
20000
30000
40000
50000
C1 & C20 Temperature (ºC)
60000
70000
105
95
85
75
65
55
C1
C20
Thermal Considerations
xppower.com
Figure 11
18-Nov-13


Similar Part No. - ECP150PS28

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP100 WJCI-ECP100 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-G WJCI-ECP100D-G Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB1960 WJCI-ECP100D-PCB1960 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB2140 WJCI-ECP100D-PCB2140 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP150PS28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com