Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED2472G Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 3Page - STMicroelectronics LED2472G Datasheet HTML 4Page - STMicroelectronics LED2472G Datasheet HTML 5Page - STMicroelectronics LED2472G Datasheet HTML 6Page - STMicroelectronics LED2472G Datasheet HTML 7Page - STMicroelectronics LED2472G Datasheet HTML 8Page - STMicroelectronics LED2472G Datasheet HTML 9Page - STMicroelectronics LED2472G Datasheet HTML 10Page - STMicroelectronics LED2472G Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DocID024620 Rev 3
7/39
LED2472G
Pin description
Table 2. Pin description
Pin
Symbol
Name and function
TQFP48
MLPQ40
29, 30
23, 24
GND
Ground
2
2
SDI
serial data input
3
3
LE
Latch enable
8,9
8, 9
Reserved
Not used in applications
47
CLK
Clock
1, 5, 6, 7, 10, 11, 12, 25, 26, 28, 36
4, 5, 6
NC
Not connected
31
25
VDD
Power supply voltage
13
10
R1
Red output 1
14
11
G1
Green output 1
15
12
B1
Blue output 1
16
13
R2
Red output 2
17
14
G2
Green output 2
18
15
B2
Blue output 2
19
16
R3
Red output 3
20
17
G3
Green output 3
21
18
B3
Blue output 3
22
19
R4
Red output 4
23
20
G4
Green output 4
24
21
B4
Blue output 4
27
22
ISET
Current setup
32
26
BOE
Blue output enable
33
27
GOE
Green output enable
34
28
ROE
Red output enable
35
29
SDO
Serial data output
37
30
B5
Red output 5
38
31
G5
Green output 5
39
32
R5
Blue output 5
40
33
B6
Red output 6
41
34
G6
Green output 6
42
35
R6
Blue output 6
43
36
B7
Red output 7
44
37
G7
Green output 7
45
38
R7
Blue output 7
46
39
B8
Red output 8


Similar Part No. - LED2472G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED24-C4 ETC2-LED24-C4 Datasheet
370Kb / 2P
   LED Protoboards
LED24V15 ETC2-LED24V15 Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LED24VCORD ETC2-LED24VCORD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Similar Description - LED2472G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
   16 channel LED driver with error detection current gain control
November 2015 Rev 6
logo
ams AG
AS1116 AMSCO-AS1116 Datasheet
1,018Kb / 20P
   64 LED Driver with Detailed Error Detection
logo
STMicroelectronics
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
   16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
November 2015 Rev 4
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
   16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
logo
List of Unclassifed Man...
MBI5038 ETC1-MBI5038 Datasheet
1Mb / 34P
   16-Channel Constant Current LED Driver with Error Detection/ Power Saving Mode/ Current Gain
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com