Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPZ3528 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BPZ3528
Description  PRESS-FIT BOSCH DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BPZ3528 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  BPZ3528 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BPZ3528 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BPZ3524 THRU BPZ3540
PRESS-FIT
BOSCH
DIODES
特征
FEATURES
BP
.35安培工作温度为125度,无热损耗下.
35 Ampere Operation At TL=125℃ With No Thermal Runaway.
.正向压降低.Low forward voltage drop
.低漏电. Low leakage current
.高浪涌承受能力.High surge current capability
机械数据
MECHANICAL DATA
.封装:铜材质 BP封装. Case: Copper BP
.端子:镀金端子,焊接按照 MIL-STD-202,方法 208.
Terminals: Plated terminals, solderable per
MIL-STD-202, method 208.
.极性: 灌注红色环氧树脂(端子为正/P 型)
灌注黑色环氧树脂(端子为负/N 型)
Polarity :
By RED Color Epoxy Potting. (Positive)
By BLACK
Color Epoxy Potting. (Negative)
.重 量:6.8 克.
Weight: 6.8grams
Dimension in millimeters
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减 少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
SYMBO
L
BPZ3524
BPZ3528
BPZ3540
UNITS
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
16
20
34
Volts
最大反向有效电压
Working Peak Reverse Voltage
VRWM
16
20
34
Volts
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
16
20
34
Volts
崩溃电压最小值
Breakdown voltage Min@ IBR=100mA/TA=25
VBRL
20
24
38
Volts
崩溃电压最大值
Breakdown voltage Max@ IBR=100mA/TA=25
VBRH
24
32
42
Volts
最大正向平均整流电流 TL=125℃
Maximum Average Forward Rectified Current
I(AV)
35
Amps
正向峰值浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
400
Amps
35A 直流电时最大正向瞬间电压降
Maximum Instantaneous Forward Voltage
Drop at 35A DC
VF
1.0
Volts
最大反向漏电流
TA=25℃
Maximum DC Reverse Current at Rated DC
Blocking Voltage
IR
0.2
uA
正向电压温度系数
IF=10mA
Forward Voltage Temperature Coefficient
VFTS
2
mV/℃
工作温度存储温度
Operating AND Storage Temperature Range
TSTG/ TJ
-55 to +150
NOTE: 1.Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
www.shunyegroup.com.cn


Similar Part No. - BPZ3528

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BPZ3528 SHUNYE-BPZ3528 Datasheet
196Kb / 2P
   AVALANCHE PRESS-FIT BOSCH DIODES
More results

Similar Description - BPZ3528

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BPZ5024 SHUNYE-BPZ5024 Datasheet
220Kb / 2P
   PRESS-FIT BOSCH DIODES
BP502-BP506 SHUNYE-BP502-BP506 Datasheet
147Kb / 2P
   PRESS-FIT BOSCH DIODES
BP2505 SHUNYE-BP2505 Datasheet
204Kb / 2P
   PRESS-FIT BOSCH DIODES
BP5005 SHUNYE-BP5005 Datasheet
247Kb / 2P
   PRESS-FIT BOSCH DIODES
BP352-BP356 SHUNYE-BP352-BP356 Datasheet
146Kb / 2P
   PRESS-FIT BOSCH DIODES
BP3505 SHUNYE-BP3505 Datasheet
202Kb / 2P
   PRESS-FIT BOSCH DIODES
BPZ3524-BPZ3540 SHUNYE-BPZ3524-BPZ3540 Datasheet
196Kb / 2P
   AVALANCHE PRESS-FIT BOSCH DIODES
BPZ5024-BPZ5040 SHUNYE-BPZ5024-BPZ5040 Datasheet
193Kb / 2P
   AVALANCHE PRESS-FIT BOSCH DIODES
logo
Won-Top Electronics
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
PRBA40Z MIC-PRBA40Z Datasheet
38Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com