Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC28A1870401 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC28A1870401
Description  28mm Size Ring Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC28A1870401 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC28A1870401 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC28A1870401 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC28A1870401 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
298
EC28A 28mm Size Ring Type
A low-profile unit with 4mm height and
good operation feel
Typical Specifications
Items
Specifications
Rating
10mA 5V DC
Operating life
50,000 cycles
Operating temperature range
−40℃ to +85℃
Refer to P.307 for soldering conditions.
Product Line
30
18
15
18
Product No.
Actuator length
(mm)
Number of
detent
Number of
pulse
400
800
15
Detent torque
(mN・m)
12±7
20±10
12±7
20±10
EC28A1550401
EC28A1850402
7±5
EC28A1520401
EC28A1560401
EC28A1870401
Minimum order unit(pcs.)
Japan
Export
Dimensions
Unit:mm
Style
3-7.5
3-4
ø28
3.5
15
4
1.5
10.75
A
B
C
120$
ø17
PC board mounting hole dimensions
(Viewed from mounting side)
1.6
28.9
5
3-ø1 hole
2-ø1.5 hole
C B
A
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
A signal
B signal
ON
ON
OFF
OFF
Detent stability position
CW direction
A signal
B signal
ON
ON
OFF
OFF
Detent stability position
CW direction
Sliding Noise
V1=V2=2.5V max.
At R = 5kΩ
Chattering : 5ms max. Bounce : 5ms max.
Output Wave
EC28A15
*Signal A and signal B output
at detent positions cannot be
specified.
EC28A18
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
400
800
366×509×287
Packing Specifications
Tray


Similar Part No. - EC28A1870401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC28A1870401 ETC-EC28A1870401 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC28A1870401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC28A ALPS-EC28A Datasheet
131Kb / 2P
   28mm Size Encoder Type
EC21A ALPS-EC21A_15 Datasheet
1Mb / 4P
   21mm Size Ring Type
EC45A ALPS-EC45A_15 Datasheet
694Kb / 3P
   45mm Size Ring Type
EC35A ALPS-EC35A Datasheet
1Mb / 3P
   35mm Size Ring Type
EC60B ALPS-EC60B Datasheet
792Kb / 3P
   60mm Size Ring Type
EC40A ALPS-EC40A_15 Datasheet
724Kb / 3P
   40mm Size Ring Type
EC50A ALPS-EC50A Datasheet
763Kb / 3P
   50mm Size Ring Type
logo
Molex Electronics Ltd.
SD-180416-104 MOLEX-SD-180416-104 Datasheet
398Kb / 3P
   COB LED HOLDER 28MM X 28MM SQUARE
2020/02/28
logo
ERNI Electronics
100803440002 ERNI-100803440002 Datasheet
38Kb / 1P
   1,27 DRC Adapterstuck BTB 28mm
logo
Molex Electronics Ltd.
0193174008 MOLEX4-0193174008 Datasheet
372Kb / 5P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 500MCM-600MCM, 5/16" Stud Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com