Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC11E152T409 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E152T409
Description  11mm Size Metal Shaft Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E152T409 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

Back Button EC11E152T409 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. EC11E152T409 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
275
EC11/11mm Size Metal Shaft Type
EC11B / EC11E / EC11G
EC11E / EC11J / EC11K
Output Wave
× ×
ø12
ø7.2
0.5
EC11B Series
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
Sliding Noise
EC11B
EC11E / EC11G
EC11J / EC11K
V1=V2=1.5V max.
At R = 5kΩ
Chattering:2ms max.
Bounce
:2ms max.
V1=V2=1.5V max.
At R = 5kΩ
Chattering:3ms max.
Bounce
:2ms max.
V1=V2=2.5V max.
At R = 5kΩ
Chattering:3ms max.
Bounce
:2ms max.
The following parts are included with the product.
11mm Size Metal Shaft Type / Attached Parts
A signal
B signal
Detent stability position
OFF ON
ON
OFF
Detent stability position cannot be specified
for B signal.
EC11E 18 detents 9 pulse
EC11E 36 detents 18 pulse
EC11J, EC11K
CW direction
A signal
B signal
Detent stability position
OFF ON
ON
OFF
EC11B, EC11E, EC11G
30 detents, 15 pulse
A signal
B signal
Detent stability point
ON
OFF
OFF
ON
EC11B 20 detents, 20 pulse
CW direction
CW direction
Circuit Diagram
EC111/EC11EOB
Nut
Washer
Unit:mm


Similar Part No. - EC11E152T409

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E152T409 ALPS-EC11E152T409 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E152T409 ETC-EC11E152T409 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E152T409

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com