Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC11E15244G1 Datasheet(PDF) 10 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E15244G1
Description  11mm Size Metal Shaft Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E15244G1 Datasheet(HTML) 10 Page - ALPS ELECTRIC CO.,LTD.

Back Button EC11E15244G1 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
278
1. EC11B Series
2. EC11E/EC111 Series
3. EC11G Series
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5 +0.4
− 0.3
1.5±0.5
Operating force
6±3N
5±2N
Operating life
25,000 times
20,000 times
Electrical
performance
Rating
0.1A 5V DC (500μA 5V DC min. ratings)
Contact resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or 360V AC for 2s
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3
1.5±0.5
Operating force
6
N
4±2N
Operating life
20,000 times
Electrical
performance
Rating
0.1A 5V DC (500μA 5V DC min. ratings)
Contact resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or 360V AC for 2s
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
1.5±0.35
Operating force
5±2N
Operating life
20,000 times
Electrical
performance
Rating
0.15A 5V DC (500μA 5V DC min. ratings)
Contact resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or 360V AC for 2s
+ 2.5
− 2
11mm Size Metal Shaft Type/Switch Specifications


Similar Part No. - EC11E15244G1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E15244G1 ALPS-EC11E15244G1 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E15244G1 ETC-EC11E15244G1 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E15244G1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com