Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALED6001TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ALED6001TR
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ALED6001TR Datasheet HTML 4Page - STMicroelectronics ALED6001TR Datasheet HTML 5Page - STMicroelectronics ALED6001TR Datasheet HTML 6Page - STMicroelectronics ALED6001TR Datasheet HTML 7Page - STMicroelectronics ALED6001TR Datasheet HTML 8Page - STMicroelectronics ALED6001TR Datasheet HTML 9Page - STMicroelectronics ALED6001TR Datasheet HTML 10Page - STMicroelectronics ALED6001TR Datasheet HTML 11Page - STMicroelectronics ALED6001TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Recommended operating conditions
ALED6001
8/26
DocID026965 Rev 2
5
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
DC characteristics
VVIN
Supply input voltage range
5.5
36
V
VVDR
VDR pin Input voltage range
VDR and VIN shorted together
4.7
5.5
VVFBx
Feedback input common mode
voltage range
4.4
60
VFB
Feedback input differential mode
voltage range
VFBP to VFBN
30
300
mV
AC characteristics
fsw
Switching frequency
100
1000
kHz
fPWMI
Dimming frequency
0.1
20
tPWMI,en
Minimum PWMI pulse duration for
device enable (turn on)
PWMI input, fSW = 800 kHz
100
µs
tPWMI,dim
Minimum dimming on-time
PWMI input, fSW = 1 MHz
6
µs


Similar Part No. - ALED6001TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED6000 STMICROELECTRONICS-ALED6000 Datasheet
4Mb / 45P
   Automotive 3 A single channel LED driver with integrated DC-DC converter
October 2021 Rev 4
More results

Similar Description - ALED6001TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
   AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
   Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
National Semiconductor ...
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Texas Instruments
LM3431 TI1-LM3431_14 Datasheet
1Mb / 36P
[Old version datasheet]   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
   LED Boost Driver with PWM
May, 2014
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com