Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC05E1220203 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC05E1220203
Description  5mm Size Hollow Shaft Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC05E1220203 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC05E1220203 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC05E1220203 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC05E1220203 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC05E1220203 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
307
Soldering surfacetemperature
Soldering temperature
Heating time
Soldering time
No. of solders
EC10E, EC12D, EC12E, EM11B
EC45A
EC40A
EM20B
EC09E, EC11B, EC111, EC11E, EC11G,
EC11K, EC18A, EC21A, EC28A, EC35A,
EC35AH, EC35B, EC50A, EC60B
Series
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
100℃ max.
100℃ max.
110℃ max.
80℃ max.
260±5℃
260℃ max.
260℃ max.
260℃ max.
1 min. max.
2 min. max.
1 min. max.
1 min. max.
3±1s
5s max.
10s max.
3s max.
2 time max.
2 time max.
1 time
2 time max.
Preheating
Dip soldering
Reference for Dip Soldering
Example of Reflow Soldering Condition
Reference for Manual Soldering
EC05E
EC21C
EC11J
Series
260℃
230℃
180℃
150℃
2 min. max.
3s
40s
4 min. max.
2 time max.
250℃ min.
230℃ to 245℃
230℃ min.
220℃
180℃
200℃
150℃
150℃
60s to 120s
60s to 120s
30s to 40s
25s to 60s
300 max.
2 time max.
1 time max.
A
B
C
D
E
F
G
H
No. of reflows
Temperature profile
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a
  type that uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the encoder when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
  encoder may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
  temperature of the encoder does not rise to 250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this
  prior to use.
注記
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Encoders Soldering Conditions
3
s
EC11J
EC05E, EC09E, EC10E, EC111, EC11B,
EC11E, EC11G, EC11K, EC12D, EC12E,
EC18A, EC21A, EC28A, EC35A, EC35AH,
EC35B, EC40A, EC45A, EC50A, EC60B,
EM11B, EM20B, EC21C
Series
350℃ max.
3s max.
1 time
350±10℃
2 time
Tip temperature
Soldering time
No. of solders
+1
 0


Similar Part No. - EC05E1220203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC05E1220203 ETC-EC05E1220203 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC05E1220203

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
   5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
   10mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
   10mm Size Hollow Shaft Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
   10mm Size Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
   Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
   Hollow Shaft Type
logo
TE Connectivity Ltd
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
   HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
   HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
   HOLLOW SHAFT RESOLVER
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
   HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com