Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C105Z9VACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C105Z9VACTU
Description  Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 1 uF, -20/80% Tol, 6.3 V, Y5V, 0603 (1608 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C105Z9VACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C105Z9VACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/06/2016 - 5eb378fe-d3ac-427f-b808-79243eb382f1
KEMET Part Number: C0603C105Z9VACTU
(C0603C105Z9VAC7867)
Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 1 uF, -20/+80% Tol, 6.3 V, Y5V, 0603 (1608 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.6
+/-0.15
W
0.8
+/-0.15
T
0.8
+/-0.10
B
0.35
+/-0.15
S
0.7
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0603 (1608 metric)
Temperature Coefficient: Y5V
Part Type Description: SMD, MLCC, General Purpose,
Class III
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 1 uF
Voltage: 6.3 V
Tolerance: -20/+80%
Temperature Range: -30/+85C
Dissipation Factor: 10%
Failure Rate: N/A
Aging Rate: 7% loss/decade hour
Insulation Resistance: 50 MOhm
Dielectric Strength: 15.75 V
Miscellaneous:
Note: Referee time for Y5V
dielectric for this part number is
48 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C105Z9VACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C105Z9VACTU KEMET-C0603C105Z9VACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, -20/80%, 6.3 V, 0603, Y5V, SMD, MLCC, General Purpose, Class III
More results

Similar Description - C0603C105Z9VACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C105Z8VACTU KEMET-C0603C105Z8VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 1 uF, -20/80% Tol, 10 V, Y5V, 0603 (1608 metric)
C0603C104Z4VACTU KEMET-C0603C104Z4VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 0.1 uF, -20/80% Tol, 16 V, Y5V, 0603 (1608 metric)
C0805C106Z9VACTU KEMET-C0805C106Z9VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 10 uF, -20/80% Tol, 6.3 V, Y5V, 0805 (2012 metric)
C0603C105Z9VACTU KEMET-C0603C105Z9VACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, -20/80%, 6.3 V, 0603, Y5V, SMD, MLCC, General Purpose, Class III
C0805C474Z4VACTU KEMET-C0805C474Z4VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 0.47 uF, -20/80% Tol, 16 V, Y5V, 0805 (2012 metric)
C0805C104Z3VACTU KEMET-C0805C104Z3VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 0.1 uF, -20/80% Tol, 25 V, Y5V, 0805 (2012 metric)
C0805C105M4VACTU KEMET-C0805C105M4VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 1 uF, /-20% Tol, 16 V, Y5V, 0805 (2012 metric)
C0805C224Z4VACTU KEMET-C0805C224Z4VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 0.22 uF, -20/80% Tol, 16 V, Y5V, 0805 (2012 metric)
C0805C106Z8VACTU KEMET-C0805C106Z8VACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 10 uF, -20/80% Tol, 10 V, Y5V, 0805 (2012 metric)
C0603C334Z3VACTU KEMET-C0603C334Z3VACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm Y5V, 0.33 uF, -20/80%, 25 V, 0603, Y5V, SMD, MLCC, General Purpose, Class III
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com