Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS180D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS180D
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS180D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS180D Datasheet HTML 6Page - Texas Instruments SN65LVDS180D Datasheet HTML 7Page - Texas Instruments SN65LVDS180D Datasheet HTML 8Page - Texas Instruments SN65LVDS180D Datasheet HTML 9Page - Texas Instruments SN65LVDS180D Datasheet HTML 10Page - Texas Instruments SN65LVDS180D Datasheet HTML 11Page - Texas Instruments SN65LVDS180D Datasheet HTML 12Page - Texas Instruments SN65LVDS180D Datasheet HTML 13Page - Texas Instruments SN65LVDS180D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
−80
IOH − High-Level Output Current − mA
4
0
0
2
−60
−40
−20
3
1
VCC = 3.3 V
TA = 25°C
−50
TA − Free-Air Temperature − °C
2.5
1.5
50
90
2
−10
−30
30
70
10
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
−4
IOH − High-Level Output Current − mA
3.5
2.5
0
−2
0
1.5
−3
0.5
−1
3
2
1
VCC = 3.3 V
TA = 25°C
0
IOL − Low-Level Output Current − mA
5
0
60
2
10
20
30
3
1
40
50
4
VCC = 3.3 V
TA = 25°C
0
IOL − Low-Level Output Current − mA
4
3
0
4
6
2
2
VCC = 3.3 V
TA = 25°C
1
−30
−20
−10
0
10
20
30
40
0
0.5
1
1.5
2
2.5
3
Other output at 0 V
VCC = 3.3 V
TA = 25°C
DE = 0 V
Other output at 1.2 V
VOZ = VOY
Other output at 2.4 V
− Output Voltage − V
VO
10
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
8.10 Typical Characteristics
Figure 1. Disabled Driver Output Current vs Output Voltage
Figure 2. Driver Low-Level Output Voltage vs Low-Level
Output Current
Figure 3. Driver High-Level Output Voltage vs High-Level
Output Current
Figure 4. Receiver Low-Level Output Voltage vs Low-Level
Output Current
Figure 5. Receiver High-Level Output Voltage vs High-Level
Output Current
Figure 6. Driver High-to-Low Level Propagation Delay Time
vs Free-Air Temperature


Similar Part No. - SN65LVDS180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS180D TI-SN65LVDS180D Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180D TI-SN65LVDS180D Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180D TI-SN65LVDS180D Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180DG4 TI-SN65LVDS180DG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180DG4 TI-SN65LVDS180DG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com