Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN1042HGVDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1042HGVDR
Description  Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HGVDR Datasheet(HTML) 5 Page - Texas Instruments

  TCAN1042HGVDR Datasheet HTML 1Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 2Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 3Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 4Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 5Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 6Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 7Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 8Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TCAN1042H, TCAN1042HG
TCAN1042HGV, TCAN1042HV
www.ti.com
SLLSES7 – FEBRUARY 2016
Product Folder Links: TCAN1042H TCAN1042HG TCAN1042HGV TCAN1042HV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
5V Bus Supply Voltage Range
4.5
5.5
V
VIO
I/O Level Shifting Voltage Range
3
5.5
IOH(RXD)
RXD terminal HIGH level output current
–2
mA
IOL(RXD)
RXD terminal LOW level output current
2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(5)
The junction-to-top characterization parameter,
ΨJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ΨJB estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
7.4 Thermal Information
THERMAL METRIC(1)
TEST CONDITIONS
TCAN1042
UNIT
D (SOIC)
8 Pins
RθJA
Junction-to-air thermal resistance
High-K thermal resistance(2)
105.8
°C/W
RθJB
Junction-to-board thermal resistance(3)
46.8
°C/W
RθJC(TOP) Junction-to-case (top) thermal resistance
(4)
48.3
°C/W
ΨJT
Junction-to-top characterization parameter(5)
8.7
°C/W
ΨJB
Junction-to-board characterization parameter(6)
46.2
°C/W
PD
Average power dissipation
VCC = 5 V, VRXD = 5 V, TJ = 27°C, RL = 60 Ω,
STB at 0 V, Input to TXD at 250 kHz, 25% duty
cycle square wave, CL_RXD = 15 pF. Typical CAN
operating conditions at 500kbps with 25%
transmission (dominant) rate.
115
mW
VCC = 5.5 V, VRXD = 5.5 V, TJ = 150°C, RL = 50 Ω,
STB at 0 V, Input to TXD at 500 kHz, 50% duty
cycle square wave, CL_RXD = 15 pF. Typical high
load CAN operating conditions at 1 Mbps with
50% transmission (dominant) rate and loaded
network.
268
Thermal shutdown temperature
170
°C
Thermal shutdown hysteresis
5
°C


Similar Part No. - TCAN1042HGVDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042HGVDR TI1-TCAN1042HGVDR Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRBRQ1 TI1-TCAN1042HGVDRBRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRBTQ1 TI1-TCAN1042HGVDRBTQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRQ1 TI1-TCAN1042HGVDRQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042HGVDRQ1 TI1-TCAN1042HGVDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042HGVDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com