Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN330DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN330DR
Description  CAN Transceivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN330DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCAN330DR Datasheet HTML 3Page - Texas Instruments TCAN330DR Datasheet HTML 4Page - Texas Instruments TCAN330DR Datasheet HTML 5Page - Texas Instruments TCAN330DR Datasheet HTML 6Page - Texas Instruments TCAN330DR Datasheet HTML 7Page - Texas Instruments TCAN330DR Datasheet HTML 8Page - Texas Instruments TCAN330DR Datasheet HTML 9Page - Texas Instruments TCAN330DR Datasheet HTML 10Page - Texas Instruments TCAN330DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
www.ti.com
SLLSEQ7A – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, TJ = –40°C to 150°C. All typical values are at 25°C and supply voltages of VCC =
3.3 V, RL = 60 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RECEIVER
VIT
Input threshold voltage, normal modes and selective
wake modes
See Figure 20 and Table 7
500
900
mV
VHYS
Hysteresis voltage for input threshold, normal
modes and selective wake modes
120
VCM
Common Mode Range: normal and silent modes
–12
12
V
VIT(STB)
Input Threshold, standby mode
–2 V < VCM < 7 V
See Figure 20 and Table 7
400
1150
mV
–12 V < VCM < 12 V
See Figure 20 and Table 7
400
1350
mV
IIOFF(LKG)
Power-off (unpowered) bus input leakage current
TA < 85°C, CANH = CANL = 3.3 V, VCC
to GND via 0-
Ω and 47-kΩ resistor
6
µA
CANH = CANL = 3.3 V, VCC to GND via
0-
Ω and 47-kΩ resistor
12
CI
Input capacitance to ground (CANH or CANL)
20
pF
CID
Differential input capacitance
10
RID
Differential input resistance
TXD = VCC, Normal Mode
30
80
k
Ω
RIN
Input resistance (CANH or CANL)
TXD = VCC, Normal mode
15
40
RIN(M)
Input resistance matching: [1 – (RIN(CANH) /
RIN(CANL))] × 100 %
V(CANH) = V(CANL)
–3%
3%
TXD Terminal (CAN Transmit Data Input)
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0.8
V
IIH
HIGH level input leakage current
TXD = VCC = 3.6 V
–2.5
0
3
µA
IIL
LOW level input leakage current
TXD = 0 V, VCC = 3.6 V
–4
0
0
µA
ILKG(OFF)
Unpowered leakage current
TXD = 3.6 V, VCC = 0 V
–2
0
2.5
µA
I(CAP)
Input Capacitance
2.5
pF
RXD Terminal (CAN Receive Data Output)
VOH
HIGH level output voltage
See Figure 20, IO = –2 mA
0.8 x VCC
V
VOL
LOW level output voltage
See Figure 20, IO = 2 mA
0.2
0.4
V
ILKG(OFF)
Unpowered leakage current
RXD = 3.6 V, VCC = 0 V
–1
0
1
µA
STB/S/SHDN Terminals
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0.8
V
IIH
HIGH level input leakage current
STB, S, SHDN = VCC = 3.6 V
–3
0
10
µA
IIL
LOW level input leakage current
STB, S, SHDN = 0 V, VCC = 3.6 V
–4
0
1
µA
ILKG(OFF)
Unpowered leakage current
STB, S, SHDN = 3.6 V, VCC = 0 V
–3
0
5
µA
FAULT Pin (Fault Output), TCAN337 only
ICH
Output current high level
FAULT = VCC, See Figure 28
–10
µA
ICL
Output current low level
FAULT = 0.4 V, See Figure 28
5
12
mA


Similar Part No. - TCAN330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN330DR TI1-TCAN330DR Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
More results

Similar Description - TCAN330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com