Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS391DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS391DR
Description  High-Speed Differential Line Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS391DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS391DR Datasheet HTML 3Page - Texas Instruments SN65LVDS391DR Datasheet HTML 4Page - Texas Instruments SN65LVDS391DR Datasheet HTML 5Page - Texas Instruments SN65LVDS391DR Datasheet HTML 6Page - Texas Instruments SN65LVDS391DR Datasheet HTML 7Page - Texas Instruments SN65LVDS391DR Datasheet HTML 8Page - Texas Instruments SN65LVDS391DR Datasheet HTML 9Page - Texas Instruments SN65LVDS391DR Datasheet HTML 10Page - Texas Instruments SN65LVDS391DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
www.ti.com
SLLS362G – SEPTEMBER 1999 – REVISED JANUARY 2016
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
SN75'
0
70
°C
Operating free-air
TA
temperature
SN65'
–40
85
°C
8.4 Thermal Information
SN65LVDS387
SN75LVDS387
SN65LVDS389
SN75LVDS389
SN65LVDS391
SN75LVDS391
THERMAL METRIC(1)
UNIT
DGG
DBT
D
PW
64 PINS
38 PINS
16 PINS
16 PINS
Derating Factor Above TA = 25°C
(2)
16.7
8.5
7.6
6.2
mW/°C
Power Rating: TA≤ 25°C
2094
1071
950
774
Power Rating: TA = 70°C
1342
688
608
496
mW
Power Rating: TA = 85°C
1089
556
494
402
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-k) and with no air flow.
8.5 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
|VOD|
Differential output voltage magnitude
247
340
454
RL = 100 Ω,
mV
Change in differential output voltage
See Figure 9 and Figure 10
Δ|VOD|
–50
50
magnitude between logic states
Steady-state common-mode output
VOC(SS)
1.125
1.375
V
voltage
Change in steady-state common-
ΔVOC(SS)
mode output voltage between logic
See Figure 11
–50
50
mV
states
Peak-to-peak common-mode output
VOC(PP)
50
150
mV
voltage
'LVDS387
85
95
Enabled, RL = 100 Ω,
'LVDS389
50
70
VIN = 0.8 V or 2 V
'LVDS391
20
26
ICC
Supply current
mA
'LVDS387
0.5
1.5
Disabled,
'LVDS389
0.5
1.5
VIN = 0 V or VCC
'LVDS391
0.5
1.3
IIH
High-level input current
VIH = 2 V
3
20
µA
IIL
Low-level input current
VIL = 0.8 V
2
10
µA
VOY or VOZ = 0 V
±24
mA
IOS
Short-circuit output current
VOD = 0 V
±12
mA
IOZ
High-impedance output current
VO = 0 V or VCC
±1
µA
IO(OFF)
Power-off output current
VCC = 1.5 V, VO = 2.4 V
±1
µA
CIN
Input capacitance
VI = 0.4sin(4E6πt) + 0.5 V
5
pF
CO
Output capacitance
VI = 0.4sin(4E6πt) + 0.5 V, Disabled
9.4
pF
(1)
All typical values are at 25°C and with a 3.3-V supply.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65LVDS387 SN75LVDS387 SN65LVDS389 SN75LVDS389 SN65LVDS391 SN75LVDS391


Similar Part No. - SN65LVDS391DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS391DR TI-SN65LVDS391DR Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS391DR TI-SN65LVDS391DR Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS391DRG4 TI-SN65LVDS391DRG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS391DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com