Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS050PWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVDS050PWRG4
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS050PWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS050PWRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS050PWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Pin Functions: SN65LVDS051
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
16
Supply voltage
GND
8
Ground
1D
15
I
LVTTL input signal
1Y
14
O
Differential (LVDS) non-inverting output
1Z
13
O
Differential (LVDS) inverting output
2D
9
I
LVTTL input signal
2Y
10
O
Differential (LVDS) non-inverting output
2Z
11
O
Differential (LVDS) inverting output
1R
3
O
LVTTL output signal
1A
2
I
Differential (LVDS) non-inverting input
1B
1
I
Differential (LVDS) inverting input
2R
5
O
LVTTL output signal
2A
6
I
Differential (LVDS) non-inverting input
2B
7
I
Differential (LVDS) inverting input
1DE
4
I
Driver 1 enable
2DE
12
I
Driver 2 enable
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
8 Specifications
8.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
(2)
Supply voltage range
–0.5
4
V
Voltage range:
D, R, DE, RE
–0.5
6
V
Y, Z, A, and B
–0.5
4
V
|VOD|
Differential output voltage
1
V
Continuous power dissipation
See Thermal
Information
Tstg
Storage temperature
–65
150
°C
(1)
Tested in accordance with MIL-STD-883C Method 3015.7.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Y, Z, A, B , and GND (see (1))
Class 3, A
±12000
V
Class 3, B
±600
V
All
Class 3, A
±7000
V
Class 3, B
±500
V
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
250
°C


Similar Part No. - SN65LVDS050PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS050PWRG4 TI-SN65LVDS050PWRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050PWRG4 TI-SN65LVDS050PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050PWRG4 TI-SN65LVDS050PWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS050PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com