Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS387DGG Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS387DGG
Description  High-Speed Differential Line Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS387DGG Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS387DGG Datasheet HTML 1Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 2Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 3Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 4Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS387DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
SLLS362G – SEPTEMBER 1999 – REVISED JANUARY 2016
www.ti.com
Pin Functions: SNx5LVDS391
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
4
Supply voltage
GND
5
Ground
1A
2
I
LVTTL input signal
1Y
16
O
Differential (LVDS) non-inverting output
1Z
15
O
Differential (LVDS) inverting output
2A
3
I
LVTTL input signal
2Y
14
O
Differential (LVDS) non-inverting output
2Z
13
O
Differential (LVDS) inverting output
3A
6
I
LVTTL input signal
3Y
12
O
Differential (LVDS) non-inverting output
3Z
11
O
Differential (LVDS) inverting output
4A
7
I
LVTTL input signal
4Y
10
O
Differential (LVDS) non-inverting output
4Z
9
O
Differential (LVDS) inverting output
EN1,2
1
I
Enable for channels 1 and 2
EN3,4
8
I
Enable for channels 3 and 4
Pin Functions: SNx5LVDS389
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC
2, 10, 18
Supply voltage
1, 3, 9, 11,
GND
Ground
17, 19
A1A
5
I
LVTTL input signal
A1Y
38
O
Differential (LVDS) non-inverting output
A1Z
37
O
Differential (LVDS) inverting output
A2A
6
I
LVTTL input signal
A2Y
36
O
Differential (LVDS) non-inverting output
A2Z
35
O
Differential (LVDS) inverting output
A3A
7
I
LVTTL input signal
A3Y
34
O
Differential (LVDS) non-inverting output
A3Z
33
O
Differential (LVDS) inverting output
A4A
8
I
LVTTL input signal
A4Y
32
O
Differential (LVDS) non-inverting output
A4Z
31
O
Differential (LVDS) inverting output
B1A
12
I
LVTTL input signal
B1Y
27
O
Differential (LVDS) non-inverting output
B1Z
26
O
Differential (LVDS) inverting output
B2A
13
I
LVTTL input signal
B2Y
25
O
Differential (LVDS) non-inverting output
B2Z
24
O
Differential (LVDS) inverting output
B3A
14
I
LVTTL input signal
B3Y
23
O
Differential (LVDS) non-inverting output
B3Z
22
O
Differential (LVDS) inverting output
B4A
15
I
LVTTL input signal
B4Y
21
O
Differential (LVDS) non-inverting output
B4B
20
O
Differential (LVDS) inverting output
4
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: SN65LVDS387 SN75LVDS387 SN65LVDS389 SN75LVDS389 SN65LVDS391 SN75LVDS391


Similar Part No. - SN65LVDS387DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS387DGG TI-SN65LVDS387DGG Datasheet
217Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGG TI-SN65LVDS387DGG Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGG TI-SN65LVDS387DGG Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGGG4 TI-SN65LVDS387DGGG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGGR TI-SN65LVDS387DGGR Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS387DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com