Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1782-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1782-Q1
Description  Fault-Protected RS-485 Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1782-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD1782-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 9Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 10Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 11Page - Texas Instruments SN65HVD1782-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Transition Time − ns
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
V
=5V
CC
R =50
C =50pF
L
L
W,
V
=5.5V
CC
V
=4.5V
CC
V
=4V
CC
V
=3.6V
CC
V
=3.3V
CC
V
=3V
CC
0
5
10
15
20
25
30
35
-50
0
50
100
150
V
=3.3V
CC
V
=5V
CC
Temperature-(°C)
I(diff) − Differential Load Current − mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
0
5
10
15
20
25
30
35
40
45
50
G003
VCC = 3.15 V
VCC = 3.3 V
Load = 300 W
Load = 100 W
Load = 60 W
VCC = 5.5 V
VCC − Supply Voltage − V
−50
−40
−30
−20
−10
0
10
0
1
2
3
4
5
6
G001
TA = 25°C
DE at VCC
D at VCC
RL = 54 W
Signaling Rate − kbps
20
30
40
50
60
70
80
0
100 200 300 400 500 600 700 800 900 1000
G002
TA = 25°C
RE at VCC
DE at VCC
RL = 54 W
CL = 50 pF
VCC = 5 V
VCC = 3.3 V
8
SN65HVD1780-Q1, SN65HVD1781-Q1, SN65HVD1782-Q1
SLLSE49B – SEPTEMBER 2010 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65HVD1780-Q1 SN65HVD1781-Q1 SN65HVD1782-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
6.10 Typical Characteristics
Figure 1. Driver Output Current vs Supply Voltage
Figure 2. RMS Supply Current vs Signaling Rate
Figure 3. Differential Output Voltage vs Differential Load
Current
Figure 4. SN65HVD1782 Rise and Fall Time
Figure 5. SN65HVD1780 Differential Output Amplitude and Transition Time vs Supply Voltage


Similar Part No. - SN65HVD1782-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1782 TI-SN65HVD1782 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1782 TI-SN65HVD1782 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1782D TI-SN65HVD1782D Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1782DG4 TI-SN65HVD1782DG4 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1782DR TI-SN65HVD1782DR Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results

Similar Description - SN65HVD1782-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com