Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96PWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96PWRG4
Description  I2C Compatible Dual Bidirectional Bus Buffer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

P82B96PWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  P82B96PWRG4 Datasheet HTML 1Page - Texas Instruments P82B96PWRG4 Datasheet HTML 2Page - Texas Instruments P82B96PWRG4 Datasheet HTML 3Page - Texas Instruments P82B96PWRG4 Datasheet HTML 4Page - Texas Instruments P82B96PWRG4 Datasheet HTML 5Page - Texas Instruments P82B96PWRG4 Datasheet HTML 6Page - Texas Instruments P82B96PWRG4 Datasheet HTML 7Page - Texas Instruments P82B96PWRG4 Datasheet HTML 8Page - Texas Instruments P82B96PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
P82B96
SCPS144C – MAY 2006 – REVISED MAY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 13
9.1
Overview ................................................................. 13
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 13
3
Description ............................................................. 1
9.3
Feature Description................................................. 14
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 14
5
Description (continued)......................................... 3
10
Application and Implementation........................ 15
6
Pin Configuration and Functions ......................... 4
10.1
Application Information.......................................... 15
7
Specifications......................................................... 5
10.2
Typical Applications .............................................. 17
7.1
Absolute Maximum Ratings ..................................... 5
11
Power Supply Recommendations ..................... 21
7.2
ESD Ratings.............................................................. 5
12
Layout................................................................... 21
7.3
Recommended Operating Conditions ....................... 5
12.1
Layout Guidelines ................................................. 21
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 21
7.5
Electrical Characteristics: VCC = 2.3 V to 2.7 V ........ 6
13
Device and Documentation Support ................. 22
7.6
Electrical Characteristics: VCC = 3 V to 3.6 V ........... 7
13.1
Community Resources.......................................... 22
7.7
Electrical Characteristics: VCC = 4.5 V to 5.5 V ........ 8
13.2
Trademarks ........................................................... 22
7.8
Electrical Characteristics: VCC = 15 V....................... 9
13.3
Electrostatic Discharge Caution ............................ 22
7.9
Switching Characteristics ........................................ 10
13.4
Glossary ................................................................ 22
7.10
Typical Characteristics .......................................... 11
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 12
Information ........................................................... 22
4 Revision History
Changes from Revision B (July 2007) to Revision C
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changed VCC pins to VCC pins in pinout diagrams................................................................................................................ 4
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: P82B96


Similar Part No. - P82B96PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96PWRG4 TI-P82B96PWRG4 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96PWRG4 TI-P82B96PWRG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
More results

Similar Description - P82B96PWRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com