Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS660PE3180A Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS660PE3180A
Description  Smart Highside High Current Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS660PE3180A Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS660PE3180A Datasheet HTML 7Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 8Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 9Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 10Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 11Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 12Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 13Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 14Page - Infineon Technologies AG BTS660PE3180A Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet BTS660P
Infineon Technologies AG
Page 11
2003-Oct-01
Options Overview
Type
BTS
660P
Over temperature protection with hysteresis
X
Tj >150 °C, latch function
24
)
Tj >150 °C, with auto-restart on cooling
X
Short circuit to GND protection
switches off when VON>6 V typ.
(when first turned on after approx. 180
µs)
X
Over voltage shutdown
-
Output negative voltage transient limit
to Vbb - VON(CL)
X
to VOUT = -15 V typ
X
25)
24
)
Latch except when Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT
0 V only if forced externally). So the device remains latched unless Vbb < VON(SC) (see page 5). No latch
between turn on and td(SC).
25
)
Can be "switched off" by using a diode DS (see page 8) or leaving open the current sense output.


Similar Part No. - BTS660PE3180A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS6110-1SJA INFINEON-BTS6110-1SJA Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
BTS6110-1SJA INFINEON-BTS6110-1SJA_15 Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS660PE3180A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com