Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65DP141RLJT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP141RLJT
Description  DisplayPort Linear Redriver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP141RLJT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65DP141RLJT Datasheet HTML 4Page - Texas Instruments SN65DP141RLJT Datasheet HTML 5Page - Texas Instruments SN65DP141RLJT Datasheet HTML 6Page - Texas Instruments SN65DP141RLJT Datasheet HTML 7Page - Texas Instruments SN65DP141RLJT Datasheet HTML 8Page - Texas Instruments SN65DP141RLJT Datasheet HTML 9Page - Texas Instruments SN65DP141RLJT Datasheet HTML 10Page - Texas Instruments SN65DP141RLJT Datasheet HTML 11Page - Texas Instruments SN65DP141RLJT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
−40
−35
−30
−25
−20
−15
−10
−5
0
0
2
4
6
8
10
12
14
Frequency (GHz)
G004
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
2
4
6
8
10
12
14
Frequency (GHz)
G005
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
2
4
6
8
10
12
14
Frequency (GHz)
G002
−70
−60
−50
−40
−30
−20
−10
0
0
2
4
6
8
10
12
14
Frequency (GHz)
G003
8
SN65DP141
SLLSES6 – FEBRUARY 2016
www.ti.com
Product Folder Links: SN65DP141
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. Differential Input Return Loss
Figure 2. Differential to Common Mode Conversion
Figure 3. Differential Output Return Loss
Figure 4. Common Mode Output Return Loss


Similar Part No. - SN65DP141RLJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149RSBR TI1-SN65DP149RSBR Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149RSBR TI1-SN65DP149RSBR Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149RSBT TI1-SN65DP149RSBT Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP141RLJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
[Old version datasheet]   DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
   Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
[Old version datasheet]   TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
   1 to 1 DisplayPort ReDriver
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
   DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com