Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L293DNEE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # L293DNEE4
Description  Quadruple Half-H Drivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

L293DNEE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button L293DNEE4 Datasheet HTML 3Page - Texas Instruments L293DNEE4 Datasheet HTML 4Page - Texas Instruments L293DNEE4 Datasheet HTML 5Page - Texas Instruments L293DNEE4 Datasheet HTML 6Page - Texas Instruments L293DNEE4 Datasheet HTML 7Page - Texas Instruments L293DNEE4 Datasheet HTML 8Page - Texas Instruments L293DNEE4 Datasheet HTML 9Page - Texas Instruments L293DNEE4 Datasheet HTML 10Page - Texas Instruments L293DNEE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1
0
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
1
0
1
1
0
2
4
3
M
M
M
1
0
1
0
1
0
VCC2
VCC1
L293, L293D
www.ti.com
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
8 Detailed Description
8.1 Overview
The L293 and L293D are quadruple high-current half-H drivers. These devices are designed to drive a wide array
of inductive loads such as relays, solenoids, DC and bipolar stepping motors, as well as other high-current and
high-voltage loads. All inputs are TTL compatible and tolerant up to 7 V.
Each output is a complete totem-pole drive circuit, with a Darlington transistor sink and a pseudo-Darlington
source. Drivers are enabled in pairs, with drivers 1 and 2 enabled by 1,2EN and drivers 3 and 4 enabled by
3,4EN. When an enable input is high, the associated drivers are enabled, and their outputs are active and in
phase with their inputs. When the enable input is low, those drivers are disabled, and their outputs are off and in
the high-impedance state. With the proper data inputs, each pair of drivers forms a full-H (or bridge) reversible
drive suitable for solenoid or motor applications.
On the L293, external high-speed output clamp diodes should be used for inductive transient suppression. On
the L293D, these diodes are integrated to reduce system complexity and overall system size. A VCC1 terminal,
separate from VCC2, is provided for the logic inputs to minimize device power dissipation. The L293 and L293D
are characterized for operation from 0°C to 70°C.
8.2 Functional Block Diagram
Output diodes are internal in L293D.
8.3 Feature Description
The L293x has TTL-compatible inputs and high voltage outputs for inductive load driving. Current outputs can get
up to 2 A using the L293.
Copyright © 1986–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: L293 L293D


Similar Part No. - L293DNEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293DNEE4 TI-L293DNEE4 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
More results

Similar Description - L293DNEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com