Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS3212IRKST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3212IRKST
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212IRKST Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS3212IRKST Datasheet HTML 1Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 2Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 3Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 4Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 5Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 6Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 7Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 8Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GND
A0p 3
4
5
6
2
B0n
C0n
C0p
B0p
18
17
16
15
19
SEL
20
OEn
1
A0n
VCC
B1n
C1n
C1p
B1p
A1p
A1n
7
8
9
14
13
12
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
HD3SS3212, HD3SS3212I
SLASE74C – MAY 2015 – REVISED JANUARY 2016
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
1 Features
3 Description
The
HD3SS3212
is
a
high-speed
bidirectional
1
Provides MUX/DEMUX Solution for USB Type-
passive switch in mux or demux configurations suited
C™ Ecosystem for USB 3.1 Gen 1 and Gen 2
for USB Type-C™ application supporting USB 3.1
Data Rates
Gen 1 and Gen 2 data rates. Based on control pin
Compatible With MIPI DSI/CSI, FPDLinkIII, LVDS,
SEL, the device provides switching on differential
and PCIE Gen II, III
channels between Port B or Port C to Port A.
Operates up to 10 Gbps
The HD3SS3212 is a generic analog differential
Wide –3-dB Differential BW of over 8 GHz
passive switch that can work for any high-speed
interface applications requiring a common mode
Excellent Dynamic Characteristics (at 5 GHz)
voltage range of 0 to 2 V and differential signaling
Crosstalk = –32 dB
with differential amplitude up to 1800 mVpp. It
Off Isolation = –19 dB
employs adaptive tracking that ensures the channel
remains unchanged for the entire common mode
Insertion Loss = –1.6 dB
voltage range.
Return Loss = –12 dB
Excellent dynamic characteristics of the device allow
Bidirectional "Mux/De-Mux" Differential Switch
high-speed switching with minimum attenuation to the
Supports Common Mode Voltage 0 to 2 V
signal eye diagram with very little added jitter. It
Single Supply Voltage VCC of 3.3 V ±10%
consumes <2 mW of power when operational and
has a shutdown mode exercisable by OEn pin
Commercial Temperature Range of 0°C to 70°C
resulting <20 µW.
(HD3SS3212RKS)
Industrial Temperature Range of –40°C to 85°C
Device Information(1)
(HD3SS3212IRKS)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS3212
2.50 mm × 4.50 mm ×
2 Applications
VQFN (20)
0.5-mm pitch
HD3SS3212I
USB Type-C™ Ecosystem
(1) For all available packages, see the orderable addendum at
Desktop and Notebook PCs
the end of the data sheet.
Server/Storage Area Networks
PCI Express Backplanes
Shared I/O Ports
FPDLinkII and FPDLinkIII Switching
SPACE
Simplified Schematic
Pinout
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS3212IRKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212IRKST TI1-HD3SS3212IRKST Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results

Similar Description - HD3SS3212IRKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com