Electronic Components Datasheet Search |
|
HD3SS3220 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
HD3SS3220 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 43 page HD3SS3220 www.ti.com SLLSES1 – DECEMBER 2015 Electrical Characteristics (continued) over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Mid-Level (Floating) voltage (PORT, ADDR and 0.28 x 0.56 x VM V CURRENT_MODE pins) VDD5 VDD5 VIH High-level input voltage VDD5 - 0.3 VDD5 V IIH High-level input current 20 20 µA IIL Low-level input current –10 10 µA IID(LKG) Current Leakage on ID pin VDD5 = 0 V, ID = 5 V 10 µA Internal pull-up resistance (PORT and ADDR R(pu) 588 k Ω pins) Internal pull-down resistance (PORT and R(pd) 1.1 M Ω ADDR pins) Internal pull-down resistance R(pd_CURRENT) 275 k Ω (CURRENT_MODE pin) R(ENn_CC) Internal pull-up resistance (ENn_CC pin) 1.1 M Ω Input Pins: ENn_MUX 0.3 x VIL Low-level input voltage V VCC33 0.7 x VIH High-level input voltage V VCC33 IIH High-level input current –1 1 µA IIL Low-level input current –1 1 µA Open Drain Output Pins: OUT1, OUT2, INT_N/OUT3, ID, VCONN_FAULT_N, DIR VOL Low-level signal output voltage IOL = –1.6 mA 0.4 V I2C– SDA/OUT1, SCL/OUT2 can Operate from 1.8/3.3 V (±10%)(1) VIH High-level input voltage 1.05 V VIL Low-level input voltage 0.4 V VOL Low-level output voltage (open-drain) IOL = –1.6 mA 0.4 V VBUS_DET IO Pin (Connected to System VBUS Signal) V(BUS_THR) VBUS threshold range 2.95 3.3 3.8 V R(VBUS_DET_INT) Internal pull-down resistor at VBUS_DET pin 95 k Ω VCONN RON On resistance of the VCONN power FET 1.25 Ω V(TOL) Voltage tolerance on VCONN power FET 5.5 V V(pass) Voltage to pass through VCONN power FET 5.5 V VCONN current limit. VCONN will be I(VCONN) 225 300 375 mA disconnected above this value MUX High Speed Performance Parameters f = 0.3 Mhz –0.43 IL Differential Insertion Loss f = 2.5 Ghz –1.07 dB f = 5 Ghz –1.42 BW Bandwidth 8 Ghz f = 0.3 Mhz –27 RL Differential return loss f = 2.5 Ghz –9 dB f = 5 Ghz –9 f = 0.3 Mhz –79 OIRR Differential OFF isolation f = 2.5 Ghz –23 dB f = 5 Ghz –20 f = 0.3 Mhz –89 XTALK Differential Cross Talk f = 2.5 Ghz –34 dB f = 5 Ghz –30 RON On resistance 8 Ω (1) When using 3.3 V for I2C, customer must ensure VDD is above 3 V at all times. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: HD3SS3220 |
Similar Part No. - HD3SS3220 |
|
Similar Description - HD3SS3220 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |