Electronic Components Datasheet Search |
|
DS100RT410 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
DS100RT410 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 56 page DS100RT410 www.ti.com SNLS448A – JANUARY 2013 – REVISED OCTOBER 2015 Electrical Characteristics (continued) over recommended operating supply and temperature ranges with default register settings unless otherwise specified. (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RECEIVER INPUTS (RXPn, RXNn) VTX2, min 600 mVP-P See (5) VTX2, max 1000 mVP-P Minimum source transmit launch signal level (IN, diff) VTX1, max See (6) 1200 mVP-P VTX0, max See (7) 1600 mVP-P Maximum differential input return LRI 100 MHz to 6 GHz(8) –15 dB loss - |SDD11| ZD Differential input impedance 100 MHz to 6 GHz 100 Ω ZS Single-ended input impedance 100 MHz to 6 GHz 50 Ω DRIVER OUTPUTS (TXPn, TXNn) Differential measurement with OUT+ and OUT- terminated by 50 Ω to GND, AC-Coupled, SMBus register VOD control VOD0 Differential output voltage 400 675 mVP-P (Register 0x2d bits 2:0) set to 0, minimum VOD De-emphasis control set to minimum (0 dB) Differential measurement with OUT+ and OUT- terminated by 50 Ω to GND, AC-Coupled SMBus register VOD control VOD7 Differential output voltage 1000 mVP-P (Register 0x2d bits 2:0) set to 7, maximum VOD De-emphasis control set to minimum (0 dB) Differential measurement with OUT+ and OUT- terminated by 50 Ω to GND, AC-Coupled Set by SMBus register control VOD_DE De-emphasis level (9) to maximum de-emphasis setting –12 dB Relative to the nominal 0-dB de-emphasis level set at the minimum de-emphasis setting Transition time control = Full slew rate 39 ps Transition time (rise and fall tR, tF times)(9) (10) Transition time control = Limited slew rate 50 ps Maximum differential output return LRO 100 MHz to 6 GHz (8) –15 dB loss - |SDD22| tDP Propagation delay Retimed data(11) 300 ps Measured at VOD = 1000 mVP-P, de- TDE De-emphasis pulse duration(12) 75 ps emphasis setting = –12 dB TJ Output total jitter Measured at BER = 10–12(13) 10 ps Difference in 50% crossing between TXPn Intra pair skew 3 ps and TXNn for any output TSKEW Channel-to-channel skew 7 ps (6) Differential signal amplitude at the transmitter output providing < 1x10–12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data pattern. Input transmission channel is 40-inch long FR-4 stripline, 4-mil trace width. (7) Differential signal amplitude at the transmitter output providing < 1x10–12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data pattern. No input transmission channel. (8) Measured with 10-MHz clock pattern output. (9) Measured with clock-like {11111 00000} pattern. (10) Slew rate is controlled by SMBus register settings. (11) Typical at 10.3125-Gbps bit rate. (12) De-emphasis pulse width varies with VOD and de-emphasis settings. (13) Typical with no output de-emphasis, minimum output transmission channel. Copyright © 2013–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: DS100RT410 |
Similar Part No. - DS100RT410 |
|
Similar Description - DS100RT410 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |