Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS250DF410 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS250DF410
Description  25 Gbps Multi-Rate 4-Channel Retimer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS250DF410 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS250DF410 Datasheet HTML 2Page - Texas Instruments DS250DF410 Datasheet HTML 3Page - Texas Instruments DS250DF410 Datasheet HTML 4Page - Texas Instruments DS250DF410 Datasheet HTML 5Page - Texas Instruments DS250DF410 Datasheet HTML 6Page - Texas Instruments DS250DF410 Datasheet HTML 7Page - Texas Instruments DS250DF410 Datasheet HTML 8Page - Texas Instruments DS250DF410 Datasheet HTML 9Page - Texas Instruments DS250DF410 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.03 MAX
TYP
0.26
0.15
5
TYP
5 TYP
0.5 TYP
0.5 TYP
101X 0.35
0.25
A
6.1
5.9
B
6.1
5.9
(0.5) TYP
(0.5) TYP
FCBGA - 1.03 mm max height
ABM0101A
PLASTIC BALL GRID ARRAY
4222100/B 09/2015
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.08 C
0.15
C A
B
0.05
C
SYMM
SYMM
BALL A1 CORNER
L
C
D
E
F
G
H
J
K
1 2
3 4 5 6
7
8 9 10 11
A
B
SCALE 2.300


Similar Part No. - DS250DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF210ABMR TI1-DS250DF210ABMR Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF210ABMT TI1-DS250DF210ABMT Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
More results

Similar Description - DS250DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
[Old version datasheet]   DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
[Old version datasheet]   DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com