Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100RT410SQE Datasheet(PDF) 11 Page - Texas Instruments

Part # DS100RT410SQE
Description  Low-Power 10-GbE Quad Channel Retimer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100RT410SQE Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS100RT410SQE Datasheet HTML 7Page - Texas Instruments DS100RT410SQE Datasheet HTML 8Page - Texas Instruments DS100RT410SQE Datasheet HTML 9Page - Texas Instruments DS100RT410SQE Datasheet HTML 10Page - Texas Instruments DS100RT410SQE Datasheet HTML 11Page - Texas Instruments DS100RT410SQE Datasheet HTML 12Page - Texas Instruments DS100RT410SQE Datasheet HTML 13Page - Texas Instruments DS100RT410SQE Datasheet HTML 14Page - Texas Instruments DS100RT410SQE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DS100RT410
www.ti.com
SNLS448A – JANUARY 2013 – REVISED OCTOBER 2015
Feature Description (continued)
7.3.7 Driver Output Voltage
The differential output voltage of the DS100RT410 can be configured from a nominal setting of 600-mV peak-to-
peak differential to a nominal setting of 1.3-V peak-to-peak differential, depending upon the application. The
driver output voltage as set is the typical peak-to-peak differential output voltage with no de-emphasis enabled.
7.3.8 Driver Output De-Emphasis
The output de-emphasis level of the DS100RT410 can be configured from a nominal setting of 0 dB to a nominal
setting of –12 dB depending upon the application. Larger absolute values of the de-emphasis setting provide
more pre-distortion of the output driver waveform, accentuating the high-frequency components of the output
driver waveform relative to the low-frequency components. Greater values of de-emphasis can compensate for
greater dispersion in the transmission media at the output of the DS100RT410. The output de-emphasis level as
set is the typical value to which the output signal will settle following the de-emphasis pulse interval in dB relative
to the output VOD.
7.3.9 Driver Output Rise and Fall Time
In some applications, a longer rise and fall time for the output signal is desired. This can reduce electromagnetic
interference (EMI) generated by fast switching waveforms. This is necessary in some applications for regulatory
compliance. In others, it can reduce the crosstalk in the system.
The DS100RT410 can be configured to operate with a nominal rise/fall time corresponding to the maximum slew
rate of the output drivers into the load capacitance. Alternatively, the DS100RT410 can be configured to operate
with a slightly greater rise and fall time if desired. For the typical specifications on rise and fall time, see Electrical
Characteristics.
7.3.10 Ref_mode 0 Mode (Reference Clock Not Required)
The DS100RT410 can be used without using a reference clock and the input REFCLK_IN pin can be open.
When register 0x36, bits [5:4] are set to 2’b00, the device operates without using a reference clock at
10.3125-Gbps mode.
For 1-GbE applications, it is required to bypass the CDR by setting the override bit 5 of register 0x09 to 1, and
set the data mux bits [7:5] to 3'b000 of register 0x1E.
7.3.11 Ref_mode 3 Mode (Reference Clock Required)
When using ref_mode 3, the device uses an external 25-MHz clock. This mode of operation is set in register
0x36 bits [5:4] = 2'b11 and is the default setting. In ref_mode 3, the external reference clock is used to aid initial
phase lock, and to determine when its VCO is properly phase-locked. An external oscillator should be used to
generate a 2.5-V, 25-MHz reference signal which is connected to the DS100RT410 on the reference clock input
pin (pin 19). The DS100RT410 does not include a crystal oscillator circuit, so a stand-alone external oscillator is
required.
The reference clock speeds up the initial phase lock acquisition. The DS100RT410 is set to phase lock to a
known data rate, or a constrained set of known data rates, and the digital circuitry in the DS100RT410 pre-
configures the VCO frequency. This enables the DS100RT410 phase-lock to the incoming signal very quickly.
The reference clock is used to calibrate the VCO coarse tuning. However, the reference clock is not synchronous
to the data stream, and the quality of the reference clock does not affect the jitter on the output retimed data. The
retimed data clock for each channel is synchronous to the VCO internal to that channel of the DS100RT410.
The phase noise of the reference clock is not critical. Any commercially-available 25-MHz oscillator can provide
an acceptable reference clock. The reference clock can be daisy-chained from one retimer to another so that
only one reference oscillator is required in a system.
7.3.12 False Lock Detector Setting
The register 0x2F, bit 1 is set to 1 by default, which disables the false lock detector. This bit must be set to 0 to
enable the false lock detector function.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS100RT410


Similar Part No. - DS100RT410SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100RT410 TI1-DS100RT410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
More results

Similar Description - DS100RT410SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100DF410 TI1-DS100DF410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410 TI1-DS100DF410_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS100DF410 TI-DS100DF410 Datasheet
893Kb / 43P
[Old version datasheet]   DS100DF410 Low Power 10GbE Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com