Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100MB203 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS100MB203
Description  10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB203 Datasheet(HTML) 3 Page - Texas Instruments

  DS100MB203_15 Datasheet HTML 1Page - Texas Instruments DS100MB203_15 Datasheet HTML 2Page - Texas Instruments DS100MB203_15 Datasheet HTML 3Page - Texas Instruments DS100MB203_15 Datasheet HTML 4Page - Texas Instruments DS100MB203_15 Datasheet HTML 5Page - Texas Instruments DS100MB203_15 Datasheet HTML 6Page - Texas Instruments DS100MB203_15 Datasheet HTML 7Page - Texas Instruments DS100MB203_15 Datasheet HTML 8Page - Texas Instruments DS100MB203_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
NC
NC
NC
1
2
3
4
TOP VIEW
DAP = GND
5
6
7
8
VDD
NC
9
10
11
12
NC
13
18
14
15
NC
16
17
S_OUTB0+
S_OUTB0-
S_OUTA1+
36
34
35
S_OUTA1-
S_OUTB1+
S_OUTB1-
33
31
32
S_INB1+
S_INB1-
VDD
41
40
39
S_OUTA0+
S_OUTA0-
37
38
S_INA0+
S_INA0-
S_INB0+
S_INB0-
S_INA1-
S_INA1+
44
42
43
NC
NC
SMBUS AND CONTROL
30
29
28
45
VDD
VDD
D_OUT0+
D_OUT0-
D_IN0+
D_IN0-
D_IN1+
D_IN1-
D_OUT1+
D_OUT1-
LDO REG
3.3V to 2.5V
3
DS100MB203
www.ti.com
SNLS396D – JANUARY 2012 – REVISED JANUARY 2016
Product Folder Links: DS100MB203
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
NJY Package
54-Pin WQFN
Top View (looking down through package)


Similar Part No. - DS100MB203_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB203SQ TI1-DS100MB203SQ Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203SQE TI1-DS100MB203SQE Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
More results

Similar Description - DS100MB203_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203 TI1-DS125MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
[Old version datasheet]   4.25-Gbps 2:1/1:2 CML MUX/Buffer
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com