Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH948TNKDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH948TNKDRQ1
Description  FPD-Link III to OpenLDI Deserializer
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH948TNKDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UH948TNKDRQ1 Datasheet HTML 2Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 3Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 4Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 5Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 6Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 7Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 8Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 9Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
6
DS90UH948-Q1
SNLS473A – OCTOBER 2014 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DS90UH948-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NUMBER
PDB
48
I, LVCMOS
Configuration
Pin w/ weak
internal PD
Power-Down Mode Input Pin
PDB = 1, device is enabled (normal operation)
PDB = 0, device is powered down.
When the device is in the POWER DOWN state, the LVCMOS outputs are in tri-state,
the PLL is shutdown and IDD is minimized.
Note: PDB pin requires minimum ramp time of 200us
BISTEN
5
I, LVCMOS
Configuration
Pin w/ weak
internal PD
Bist Enable Pin
0: BIST Mode is disabled.
1: BIST Mode is enabled.
See Built-In Self Test (BIST) for more information
BISTC
(INTB_IN)
4
I, LVCMOS
Configuration
Pin w/ weak
internal PD
Bist Clock Select.
0: PCLK
1: 33MHz
(Pin is shared with INTB_IN)
INTB_IN
(BISTC)
4
I, LVCMOS
w/ weak
internal PD
Interrupt input.
(Pin is shared with BISTC)
BIDIRECTIONAL CONTROL CHANNEL (BCC) GPIO PINS (default pin function) - Layout note: for unused GPIO(s), tie to an external
pulldown
GPIO0
(SDOUT)
7
Multi-function
pin
I/O,
LVCMOS
BCC GPIO0.
default state: logic LOW
(Pin is shared with SDOUT)
GPIO1
(SWC)
8
Multi-function
pin
I/O,
LVCMOS
BCC GPIO1.
default state: logic LOW
(Pin is shared with SWC)
GPIO2
(I2S_DC)
10
Multi-function
pin
I/O,
LVCMOS
BCC GPIO2.
default state: logic LOW
(Pin is shared with I2S_DC)
GPIO3
(I2S_DD)
9
Multi-function
pin
I/O,
LVCMOS
BCC GPIO3.
default state: logic LOW
(Pin is shared with I2S_DD)
HIGH-SPEED GPIO PINS HIGH-SPEED GPIO PINS (default pin function) - Layout note: for unused D_GPIO(s), tie to an external
pulldown
D_GPIO0
(MOSI)
19
I/O, LVCMOS
General Purpose I/O in 2-lane FPD-Link III mode
default state: tri-state
(Pin is shared with MOSI)
D_GPIO1
(MISO)
18
I/O, LVCMOS
General Purpose I/O in 2-lane FPD-Link III mode
default state: tri-state
(Pin is shared with MISO)
D_GPIO2
(SPLK)
17
I/O, LVCMOS
General Purpose I/O in 2-lane FPD-Link III mode
default state: tri-state
(Pin is shared with SPLK)
D_GPIO3
(SS)
16
I/O, LVCMOS
General Purpose I/O in 2-lane FPD-Link III mode
default state: tri-state
(Pin is shared with SS)
REGISTER READ/WRITES ONLY GPIO PINS (default pin function) - Layout note: for unused GPIO(s), tie to an external pulldown
GPIO5_REG
(I2S_DB)
11
Multi-function
pin
I/O, LVCMOS
General Purpose Input/Output 5
I2C register control only.
default state: logic LOW
(Pin is shared with I2S_DB)
GPIO6_REG
(I2S_DA)
12
Multi-function
pin
I/O, LVCMOS
General Purpose Input/Output 6
I2C register control only.
default state: logic LOW
(Pin is shared with I2S_DA)


Similar Part No. - DS90UH948TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940NTNKDRQ1 TI1-DS90UH940NTNKDRQ1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results

Similar Description - DS90UH948TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com