Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB948TNKDTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB948TNKDTQ1
Description  FPD-Link III to OpenLDI Deserializer
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB948TNKDTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DS90UB948TNKDTQ1 Datasheet HTML 1Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 2Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 3Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 4Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 5Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 6Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 7Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 8Page - Texas Instruments DS90UB948TNKDTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
FPD-Link III
2 lanes
VDDIO
(1.8V)
IDx
DOUT0+
DOUT0-
1.1V
IN_CLK-/+
HDMI
or
DP++
HPD
DDC
CEC
DOUT1+
DOUT1-
RIN0+
RIN0-
RIN1+
RIN1-
CLK1+/-
CLK2+/-
FPD-Link
(Open LDI)
D0+/-
D1+/-
D2+/-
D3+/-
D4+/-
D5+/-
D6+/-
D7+/-
DS90UB949-Q1
Serializer
DS90UB948-Q1
Deserializer
IDx
D_GPIO
(SPI)
D_GPIO
(SPI)
LVDS
Display
1080p60
or Graphic
Processor
Mobile
Device
or
Graphics
Processor
IN_D0-/+
IN_D1-/+
IN_D2-/+
I2C
1.8V
VDDIO
(3.3 / 1.8V)
1.2V
3.3V
I2C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DS90UB948-Q1
SNLS477A – OCTOBER 2014 – REVISED JANUARY 2016
DS90UB948-Q1 1080p FPD-Link III to OpenLDI Deserializer
1
1 Features
1
Supports Pixel Clock Frequency up to 170 MHz
for WUXGA (1920x1200) and 1080p60
Resolutions with 24-bit Color Depth
1-lane or 2-lane FPD-Link III Interface with De-
skew Capability
Single or Dual OpenLDI (LVDS) Transmitter
Single Channel: Up to 96 MHz Pixel Clock
Dual Channel: Up to 170 MHz Pixel Clock
Configurable 18-bit RGB or 24-bit RGB
High Speed GPIO up to 2.0 Mbps
Supports up to 15 meters of cable with automatic
temperature and aging compensation
SPI Control Interfaces up to 3.3 Mbps
I2C (Master/Slave) with 1 Mbps Fast-mode Plus
Adaptive Receive Equalization
Image Enhancement (White Balance and
Dithering)
Supports 7.1 Multiple I2S (4 data) Channels
Backward Compatible to DS90UB925/925AQ-Q1
and DS90UB927Q-Q1 FPD-Link III Serializers
Automotive Grade Product: AEC-Q100 Grade 2
Qualified
2 Applications
Automotive Infotainment:
Central Information Displays
Rear Seat Entertainment Systems
Digital Instrument Clusters
3 Description
The DS90UB948-Q1 is a FPD-Link III Deserializer
which, in conjunction with the DS90UB949/947/929-
Q1 Serializers, converts 1-lane or 2-lane FPD-Link III
streams into a FPD-Link (OpenLDI) interface. The
Deserializer is capable of operating over cost-
effective
50
Ω
single-ended
coaxial
or
100
Ω
differential shielded twisted-pair (STP) cables. It
recovers the data from one or two FPD-Link III serial
streams and translates it into dual pixel FPD-Link (8
LVDS
data
lanes
+
clock)
supporting
video
resolutions up to WUXGA and 1080p60 with 24-bit
color depth. This provides a bridge between HDMI
enabled sources such as GPUs to connect to existing
LVDS displays or Application Processors.
The FPD-Link III interface supports video and audio
data transmission and full duplex control, including
I2C
and
SPI
communication,
over
the
same
differential link. Consolidation of video data and
control
over
two
differential
pairs
reduces
the
interconnect size and weight and simplifies system
design. EMI is minimized by the use of low voltage
differential
signaling,
data
scrambling,
and
randomization. In backward compatible mode, the
device supports up to WXGA and 720p resolutions
with 24-bit color depth over a single differential link.
The device automatically detects the FPD-Link III
channels and provides a clock alignment and de-
skew functionality without the need for any special
training patterns. This ensures skew phase tolerance
from mismatches in interconnect wires such as PCB
trace routing, cable pair-to-pair length differences,
and connector imbalances.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS90UB948-Q1
WQFN NKD (64)
9.00 mm x 9.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Applications Diagram


Similar Part No. - DS90UB948TNKDTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940NTNKDRQ1 TI1-DS90UB940NTNKDRQ1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940NTNKDTQ1 TI1-DS90UB940NTNKDTQ1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940TNKDRQ1 TI1-DS90UB940TNKDRQ1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
More results

Similar Description - DS90UB948TNKDTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com