Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB948TNKDRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB948TNKDRQ1
Description  FPD-Link III to OpenLDI Deserializer
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB948TNKDRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90UB948TNKDRQ1 Datasheet HTML 6Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 7Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 8Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 9Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 10Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 11Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 12Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 13Page - Texas Instruments DS90UB948TNKDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
10
DS90UB948-Q1
SNLS477A – OCTOBER 2014 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DS90UB948-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Thermal Information
THERMAL METRIC(1)
DS90UB948-Q1
UNIT
WQFN (NKD)
64 PINS
RθJA
Junction-to-ambient thermal resistance
24.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.2
RθJB
Junction-to-board thermal resistance
3.6
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
3.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
7.6 DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
3.3V LVCMOS I/O (VDDIO = 3.3V ± 10%)
VIH
High Level Input Voltage
PDB, BISTEN,
BISTC,
GPIO[3:0],
D_GPIO[3:0],
I2S_DA,
I2S_DB,
I2S_DC,
I2S_DD,
I2S_CLK,
I2S_WC,
LOCK, PASS
2.0
VDDIO
V
VIL
Low Level Input Voltage
0
0.8
V
IIN
Input Current
VIN = 0V or VDDIO
-10
10
µA
VOH
High Level Output Voltage
IOH = -4mA
2.4
VDDIO
V
VOL
Low Level Output Voltage
IOL = +4mA
0
0.4
V
IOS
Output Short Circuit Current
VOUT = 0V
-55
mA
IOZ
Tri-state Output Current
PDB = 0V
VOUT = 0V or VDDIO
-20
20
µA
CIN
Input Capacitance
10
pF
1.8V LVCMOS I/O (VDDIO = 1.8V ± 5%)
VIH
High Level Input Voltage
PDB, BISTEN,
BISTC,
GPIO[3:0],
D_GPIO[3:0],
I2S_DA,
I2S_DB,
I2S_DC,
I2S_DD,
I2S_CLK,
I2S_WC,
LOCK, PASS
0.65 *
VDDIO
VDDIO
V
VIL
Low Level Input Voltage
0
0.35 *
VDDIO
V
IIN
Input Current
VIN = 0V or VDDIO
-10
10
µA
VOH
High Level Output Voltage
IOH = -4mA
VDDIO-
0.45
VDDIO
V
VOL
Low Level Output Voltage
IOL = +4mA
0
0.45
V
IOS
Output Short Circuit Current
VOUT = 0V
-35
mA
IOZ
Tri-state Output Current
PDB = 0V
VOUT = 0V or VDDIO
-20
20
µA
CIN
Input Capacitance
10
pF
SERIAL CONTROL BUS (VDDIO = 1.8V ± 5% OR 3.3V ± 10%)
VIH
Input High Level
I2C_SDA,
I2C_SCL
0.7 *
VDDIO
VDD33
V
VIL
Input Low Level
GND
0.3 *
VDDIO
V
VHY
Input Hysteresis
>50
mV
VOL
Output Low Level
IOL = +4mA
0
0.4
V
IIN
Input Current
VIN = 0V or VDDIO
-10
10
µA


Similar Part No. - DS90UB948TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940NTNKDRQ1 TI1-DS90UB940NTNKDRQ1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940NTNKDTQ1 TI1-DS90UB940NTNKDTQ1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940TNKDRQ1 TI1-DS90UB940TNKDRQ1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
More results

Similar Description - DS90UB948TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com