Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24392RSER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24392RSER
Description  Dual SPST USB 2.0 High Speed Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24392RSER Datasheet(HTML) 3 Page - Texas Instruments

  BQ24392RSER Datasheet HTML 1Page - Texas Instruments BQ24392RSER Datasheet HTML 2Page - Texas Instruments BQ24392RSER Datasheet HTML 3Page - Texas Instruments BQ24392RSER Datasheet HTML 4Page - Texas Instruments BQ24392RSER Datasheet HTML 5Page - Texas Instruments BQ24392RSER Datasheet HTML 6Page - Texas Instruments BQ24392RSER Datasheet HTML 7Page - Texas Instruments BQ24392RSER Datasheet HTML 8Page - Texas Instruments BQ24392RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
CHG_DET
SW_OPEN
DM_HOST
DP_HOST
CHG_AL_N
GND
GOOD_BAT
DP_CON
DM_CON
VBUS
BQ24392
www.ti.com
SLIS146D – JUNE 2012 – REVISED JANUARY 2016
5 Pin Configuration and Functions
RESR
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
USB switch status indicator
Open-drain output. 10k
Ω external pull-up resistor required
1
SW_OPEN
O
SW_OPEN = LOW indicates when switch is connected
SW_OPEN = HIGH-Z indicates when then switch is not connected
2
DM_HOST
I/O
D– signal to transceiver
3
DP_HOST
I/O
D+ signal to transceiver
Charging status indicator
Open-drain output. 10k
Ω external pull-up resistor required
4
CHG_AL_N
O
CHG_AL_N = LOW indicates when charging is allowed
CHG_AL_N = HIGH-Z indicates when charging is not allowed
Battery status indication from system
5
GOOD_BAT
I
GOOD_BAT = LOW indicates a dead battery
GOOD_BAT = HIGH indicates a good battery
6
GND
-
Ground
7
DP_CON
I/O
D+ signal from USB connector
8
DM_CON
I/O
D– signal from USB connector
9
VBUS
I
Supply pin from USB connector
Charger detection indicator
Push-Pull output to system
10
CHG_DET
O
CHG_DET = LOW indicates when a charger is not detected
CHG_DET = HIGH indicates when a charger detected
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - BQ24392RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392RSER TI1-BQ24392RSER Datasheet
708Kb / 17P
[Old version datasheet]   Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
More results

Similar Description - BQ24392RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Texas Instruments
BQ24392 TI-BQ24392_15 Datasheet
988Kb / 22P
[Old version datasheet]   bq24392 Dual SPST USB 2.0 High Speed Switch with USB Battery Charging Specification Revision 1.2 Detection
logo
Toshiba Semiconductor
TC7USB31WBG TOSHIBA-TC7USB31WBG Datasheet
245Kb / 12P
   Dual SPST USB Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
   High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
logo
Texas Instruments
BQ24392-Q1 TI-BQ24392-Q1_15 Datasheet
959Kb / 22P
[Old version datasheet]   BQ24392-Q1 Dual SPST USB 2.0 High Speed Switch With USB Battery Charging Specification Revision 1.2 Detection
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com