Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QJD1210006 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QJD1210006
Description  Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QJD1210006 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QJD1210006 Datasheet HTML 1Page - Powerex Power Semiconductors QJD1210006 Datasheet HTML 2Page - Powerex Power Semiconductors QJD1210006 Datasheet HTML 3Page - Powerex Power Semiconductors QJD1210006 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QJD1210006
Silicon Carbide MOSFET Module
100 Amperes/1200 Volts
2
Preliminary
04/12 Rev. 6
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
Ratings
Symbol
QJD1210006
Units
Drain-Source Voltage (G-S Short)
VDDS
1200
Volts
Gate-Source Voltage
VGSS
-5 / +25
Volts
Drain Current (Continuous) at TC = 150°C
ID
100
Amperes
Drain Current (Pulsed)*
ID(pulse)
250
Amperes
Maximum Power Dissipation (TC = 25°C, Tj < 175°C)
PD
880
Watts
Junction Temperature
Tj
-40 to 200
°C
Storage Temperature
Tstg
-40 to 150
°C
Mounting Torque, M6 Main Terminal Screws
40
in-lb
Mounting Torque, M6 Mounting Screws
40
in-lb
Module Weight (Typical)
400
Grams
V Isolation Voltage
VRMS
3000
Volts
MOSFET Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Drain-Source Breakdown Voltage
V(BR)DSS
ID = 50μA, VGS = 0
1200
Volts
Zero Gate Voltage Drain Current**
IDSS
VGS = 0, VDS = 1200V
0.18
1.6
mA
Zero Gate Voltage Drain Current**
IDSS
VGS = 0, VDS = 1200V, Tj = 175°C
0.40
12.0
mA
Gate Leakage Current
IGSS
VDS = 0, VGS = 20V
1.5
μA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 10mA
1.5
2.5
5.0
Volts
VDS = VGS, ID = 10mA, Tj = 175°C
1.0
1.7
5.0
Volts
Drain-Source On Resistance
RDS(on)
ID = 100A, VGS = 20V
15
25
mΩ
ID = 100A, VGS = 20V, Tj = 175°C
20
32
mΩ
Gate to Source Charge
Qgs
VDD = 800V, ID = 100A
140
nC
Gate to Drain Charge
Qgd
VDD = 800V, ID = 100A
220
nC
Total Gate Charge
QG
VCC = 800V, IC = 100A, VGS = -5/20V
500
nC
Body Diode Forward Voltage
VSD
IF = 50A, VGS = -5V
4.0
Volts
Input Capacitance
Ciss
10.2
nF
Output Capacitance
Coss
VGS = 0, VDS = 800V, f = 1MHz
1.0
nF
Reverse Transfer Capacitance
Crss
0.1
nF
Turn-on Delay Time
td(on)
VDD = 800V, ID = 100A,
TBD
ns
Rise Time
tr
VGS = 0/20V,
TBD
ns
Turn-off Delay Time
td(off)
RG = 10Ω,
TBD
µs
Fall Time
tf
RL = 856µH
TBD
ns
* Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating.
**Total module leakage includes MOSFET leakage plus reverse Schottky diode leakage.


Similar Part No. - QJD1210006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results

Similar Description - QJD1210006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010 Datasheet
700Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011_14 Datasheet
811Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010_14 Datasheet
812Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
KD421210A7 POWEREX-KD421210A7 Datasheet
398Kb / 4P
   Dual Darlington Transistor Module (100 Amperes/1200 Volts)
CM100MXA-24S POWEREX-CM100MXA-24S Datasheet
1Mb / 15P
   NX-Series CIB Module 100 Amperes/1200 Volts
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 100 Amperes/1200 Volts
CM100DY-24NF POWEREX-CM100DY-24NF Datasheet
70Kb / 4P
   Dual IGBTMOD NF-Series Module 100 Amperes/1200 Volts
CM100DU-24NFH POWEREX-CM100DU-24NFH Datasheet
628Kb / 4P
   Dual IGBTMOD NFH-Series Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com