Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM50B4LA060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM50B4LA060
Description  Photo Voltaic IPM H-Bridge 50 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50B4LA060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM50B4LA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50B4LA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50B4LA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50B4LA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM50B4LA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM50B4LA060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PM50B4LA060 / PM50B4LB060
Photo Voltaic IPM
H-Bridge
50 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM50B4LA060 / PM50B4LB060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Module Case Operating Temperature (Note 1)
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
31
in-lb
Mounting Torque, M5 Main Terminal Screws (Package A only)
31
in-lb
Package A Module Weight (Typical)
380
Grams
Package B Module Weight (Typical)
340
Grams
Supply Voltage, Surge (Applied between P-N)
VCC(surge)
550
Volts
Operation of Short Circuit Protections
VCC(prot.)
400
Volts
(Applied between P-N, VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125°C Start)
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VISO
2500
Volts
IGBT Inverter Part
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current (TC = 25°C)
±IC
50
Amperes
Peak Collector Current (TC = 25°C)
±ICP
100
Amperes
Collector Dissipation (TC = 25°C) (Note 1)
PC
131
Watts
Control Part
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VN1-VNC)
VD
20
Volts
Input Voltage (Applied between UP-VUPC, VP-VVPC, UN- VN- WN-Br-VNC)
VCIN
20
Volts
Fault Output Supply Voltage
VFO
20
Volts
(Applied between UFO-VUPC, VFO-VVPC, FO-VNC)
Fault Output Supply Current (Sink Current at UFO, VFO, FO Terminals)
IFO
20
mA
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Part
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 50A,
1.5
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 50A,
1.55
Volts
Pulsed, Tj = 125°C
Diode Forward Voltage
VEC
-IC = 50A, VCIN = 15V, VD = 15V
2.2
3.3
Volts
Inductive Load Switching Times
ton
0.3
0.7
1.4
µs
trr
VD = 15V, VCIN = 0 ↔ 15V
0.1
0.2
µs
tC(on)
VCC = 300V, Tj = 125°C
0.2
0.4
µs
toff
Inductive Load (Per 1 Arm)
0.9
1.8
µs
tC(off)
0.2
0.4
µs
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VCIN = 15V, Tj = 25°C
1.0
mA
VCE = VCES, VCIN = 15V, Tj = 125°C
10
mA


Similar Part No. - PM50B4LA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B4LA060 MITSUBISHI-PM50B4LA060 Datasheet
145Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50B4LA060 MITSUBISHI-PM50B4LA060 Datasheet
150Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50B4LA060 MITSUBISHI-PM50B4LA060_07 Datasheet
150Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50B4LA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50B4L1C060 POWEREX-PM50B4L1C060 Datasheet
365Kb / 4P
   Photo Voltaic IPM H-Bridge 50 Amperes/600 Volts
PM75B4L1C060 POWEREX-PM75B4L1C060 Datasheet
360Kb / 4P
   Photo Voltaic IPM H-Bridge 75 Amperes/600 Volts
PM50B5L1C060 POWEREX-PM50B5L1C060 Datasheet
380Kb / 4P
   Photo Voltaic IPM H-Bridge 1 Chopper 50 Amperes/600 Volts
PM50B6L1C060 POWEREX-PM50B6L1C060 Datasheet
373Kb / 4P
   Photo Voltaic IPM H-Bridge 2 Choppers 50 Amperes/600 Volts
PM50B5LA060 POWEREX-PM50B5LA060 Datasheet
438Kb / 8P
   Photo Voltaic IPM H-Bridge 1 Chopper 50 Amperes/600 Volts
PM75B6L1C060 POWEREX-PM75B6L1C060 Datasheet
373Kb / 4P
   Photo Voltaic IPM H-Bridge 2 Choppers 75 Amperes/600 Volts
PM75B5L1C060 POWEREX-PM75B5L1C060 Datasheet
373Kb / 4P
   Photo Voltaic IPM H-Bridge 1 Chopper 75 Amperes/600 Volts
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
   Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PM50CBS060 POWEREX-PM50CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (50 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
   Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com