Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS555 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS555
Description  Smart Highside High Current Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS555 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS555 Datasheet HTML 4Page - Infineon Technologies AG BTS555 Datasheet HTML 5Page - Infineon Technologies AG BTS555 Datasheet HTML 6Page - Infineon Technologies AG BTS555 Datasheet HTML 7Page - Infineon Technologies AG BTS555 Datasheet HTML 8Page - Infineon Technologies AG BTS555 Datasheet HTML 9Page - Infineon Technologies AG BTS555 Datasheet HTML 10Page - Infineon Technologies AG BTS555 Datasheet HTML 11Page - Infineon Technologies AG BTS555 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet BTS555
Infineon Technologies AG
8
2003-Oct-01
Input circuit (ESD protection)
IN
ZD
IN
I
V bb
Rbb
V
Z,IN
V bIN
V IN
When the device is switched off (IIN = 0) the voltage
between IN and GND reaches almost Vbb. Use a
mechanical switch, a bipolar or MOS transistor with
appropriate breakdown voltage as driver.
VZ,IN = 66 V (typ).
Current sense status output
IS
IS
R
IS
I
ZD
IS
V
bb
V
bb
R
Z,IS
V
VZ,IS = 66 V (typ.), RIS = 1 kΩ nominal (or 1 kΩ /n, if n
devices are connected in parallel). IS = IL/kilis can be
only driven by the internal circuit as long as Vout - VIS >
5V. If you want to measure load currents up to IL(M),
RIS should be less than
ilis
M
L
bb
K
I
V
V
/
5
)
(
.
Note: For large values of RIS the voltage VIS can reach
almost Vbb. See also overvoltage protection.
If you don't use the current sense output in your
application, you can leave it open.
Short circuit detection
Fault Condition: VON > VON(SC) (6 V typ.) and t> td(SC)
(80 ...300 µs).
Short circuit
detection
Logic
unit
+ Vbb
OUT
V
ON
Inductive and overvoltage output clamp
+ Vbb
OUT
PROFET
V
Z1
V
ON
D
S
IS
V
OUT
V
ZG
VON is clamped to VON(Cl) = 42 V typ. At inductive load
switch-off without DS, VOUT is clamped to VOUT(CL) =
-17 V typ. via VZG. With DS, VOUT is clamped to Vbb -
VON(CL) via VZ1. Using DS gives faster deenergizing of
the inductive load, but higher peak power dissipation in
the PROFET. In case of a floating ground with a
potential higher than 19V referring to the OUT –
potential the device will switch on, if diode DS is not
used.
Overvoltage protection of logic part
+ Vbb
VOUT
IN
bb
R
Signal GND
Logic
PROFET
V
Z,IS
RIS
IN
R
IS
V
Z,IN
RV
V Z,VIS
Rbb = 120 Ω typ., VZ,IN = VZ,IS = 66 V typ., RIS = 1 kΩ
nominal. Note that when overvoltage exceeds 71 V typ.
a voltage above 5V can occur between IS and GND, if
RV, VZ,VIS are not used.


Similar Part No. - BTS555

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS555 SIEMENS-BTS555 Datasheet
130Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
logo
Infineon Technologies A...
BTS555 INFINEON-BTS555 Datasheet
300Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS555 INFINEON-BTS555_10 Datasheet
300Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results

Similar Description - BTS555

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS660P INFINEON-BTS660P Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com