Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67060-S7402 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q67060-S7402
Description  Smart Power High-Side-Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S7402 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q67060-S7402 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S7402 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2004-01-27
Page 5
BTS 462 T
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 13,5V, unless otherwise specified
min.
typ.
max.
Protection Functions1)
Initial peak short circuit current limit (pin 3 to 5)
Tj = -40 °C, Vbb = 20 V, tm = 150 µs
Tj = 25 °C
Tj = 150 °C
IL(SCp)
-
-
7
-
14
-
20
-
-
A
Repetitive short circuit current limit
Tj = Tjt (see timing diagrams)
IL(SCr)
-
10
-
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL),
Ibb = 4 mA
VON(CL)
41
47
-
V
Overvoltage protection 2)
Ibb = 4 mA
Vbb(AZ)
41
-
-
Thermal overload trip temperature
Tjt
150
-
-
°C
Thermal hysteresis
∆Tjt
-
10
-
K
Reverse Battery
Reverse battery3)
-Vbb
-
-
32
V
Drain-source diode voltage (VOUT > Vbb)
-VON
-
600
-
mV
1Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation .
2 see also VON(CL) in circuit diagram on page 7
3Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source diode has
to be limited by the connected load. Power dissipation is higher compared to normal operating conditions due to the
voltage drop across the drain-source diode. The temperature protection is not active during reverse current operation!
Input current has to be limited (see max. ratings page 3).


Similar Part No. - Q67060-S7402

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S7403-A2 INFINEON-Q67060-S7403-A2 Datasheet
240Kb / 13P
   Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
Q67060-S7404-A2 INFINEON-Q67060-S7404-A2 Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
Q67060-S7405 INFINEON-Q67060-S7405 Datasheet
332Kb / 17P
   Smart Power High-Side-Switch
2004-01-27
Q67060-S7406 INFINEON-Q67060-S7406 Datasheet
306Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results

Similar Description - Q67060-S7402

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com