Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67060-S6204-A2 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # Q67060-S6204-A2
Description  Smart Highside Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6204-A2 Datasheet(HTML) 1 Page - Infineon Technologies AG

  Q67060-S6204-A2 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6204-A2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PROFET® BTS 432 I2
Infineon Technologies AG
Page 1 of 15
1999-02-19
Smart Highside Power Switch
Features
• Load dump and reverse battery protection1)
• Clamp of negative voltage at output
• Short-circuit protection
• Current limitation
• Thermal shutdown
• Diagnostic feedback
• Open load detection in OFF-state
• CMOS compatible input
• Electrostatic discharge (ESD) protection
• Loss of ground and loss of Vbb protection2)
• Overvoltage protection
• Undervoltage and overvoltage shutdown with auto-restart and
hysteresis
Application
• µC compatible power switch with diagnostic feedback
for 12 V and 24 V DC grounded loads
• All types of resistive, inductive and capacitve loads
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, integrated in Smart SIPMOS
® chip on chip technology. Fully protected by embedded protection
functions.
+ Vbb
IN
ST
Signal GND
ESD
PROFET
®
OUT
GND
Logic
Voltage
sensor
Voltage
source
Open load
detection
Short circuit
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
4
1
3
5
Load GND
Load
V
Logic
Overvoltage
protection
R bb
1)
No external components required, reverse load current limited by connected load.
2)
Additional external diode required for charged inductive loads
Product Summary
VLoad dump
80
V
Vbb-VOUT Avalanche Clamp
58
V
Vbb (operation)
4.5 ... 42
V
Vbb (reverse)
-32
V
RON
38
m
IL(SCp)
42
A
IL(SCr)
33
A
IL(ISO)
11
A
1
5
SMD
5
Standard


Similar Part No. - Q67060-S6204-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6201-A2 INFINEON-Q67060-S6201-A2 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
Q67060-S6201-A4 INFINEON-Q67060-S6201-A4 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
Q67060-S6201-A5 INFINEON-Q67060-S6201-A5 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
Q67060-S6202-A2 INFINEON-Q67060-S6202-A2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
Q67060-S6202-A4 INFINEON-Q67060-S6202-A4 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - Q67060-S6204-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com