Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67060-S6202-A4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67060-S6202-A4
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6202-A4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67060-S6202-A4 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6202-A4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTS 432 E2
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
2003-Oct-01
Protection Functions8)
Initial peak short circuit current limit (pin 3 to 5)9),
( max 400
µs if VON > VON(SC) )
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
--
--
24
--
44
--
74
--
--
A
Repetitive short circuit current limit
IL(SCr)
Tj = Tjt (see timing diagrams, page 10)
22
35
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 30
µs
td(SC)
80
--
400
µs
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL), IL= 30 mA
VON(CL)
--
58
--
V
Short circuit shutdown detection voltage
(pin 3 to 5)
VON(SC)
--
8.3
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
T
jt
--
10
--
K
Inductive load switch-off energy dissipation10),
Tj Start = 150 °C, single pulse
Vbb = 12 V:
Vbb = 24 V:
EAS
ELoad12
ELoad24
--
--
1.7
1.3
1.0
J
Reverse battery (pin 3 to 1) 11)
-Vbb
--
--
32
V
Integrated resistor in Vbb line
Rbb
--
120
--
Diagnostic Characteristics
Open load detection current
Tj=-40 °C:
(on-condition)
Tj=25..150°C:
IL (OL)
2
2
--
--
900
750
mA
8
)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
9
)
Short circuit current limit for max. duration of 400
µs, prior to shutdown (see td(SC) page 4)
10) While demagnetizing load inductance, dissipated energy in PROFET is EAS= VON(CL) * iL(t) dt, approx.
EAS= 1/2 * L * I
2
L
* (
VON(CL)
VON(CL) - Vbb
), see diagram page 8
11
) Reverse load current (through intrinsic drain-source diode) is normally limited by the connected load.
Reverse current IGND of ≈ 0.3 A at Vbb= -32 V through the logic heats up the device. Time allowed under
these condition is dependent on the size of the heatsink. Reverse IGND can be reduced by an additional
external GND-resistor (150
Ω). Input and Status currents have to be limited (see max. ratings page 2 and
circuit page 7).


Similar Part No. - Q67060-S6202-A4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6201-A2 INFINEON-Q67060-S6201-A2 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
Q67060-S6201-A4 INFINEON-Q67060-S6201-A4 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
Q67060-S6201-A5 INFINEON-Q67060-S6201-A5 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
Q67060-S6203-A2 INFINEON-Q67060-S6203-A2 Datasheet
305Kb / 14P
   Smart Highside Power Switch
22.03.99
Q67060-S6203-A4 INFINEON-Q67060-S6203-A4 Datasheet
305Kb / 14P
   Smart Highside Power Switch
22.03.99
More results

Similar Description - Q67060-S6202-A4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com