Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3170AF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3170AF
Description  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170AF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3170AF Datasheet HTML 1Page - STMicroelectronics STPS3170AF Datasheet HTML 2Page - STMicroelectronics STPS3170AF Datasheet HTML 3Page - STMicroelectronics STPS3170AF Datasheet HTML 4Page - STMicroelectronics STPS3170AF Datasheet HTML 5Page - STMicroelectronics STPS3170AF Datasheet HTML 6Page - STMicroelectronics STPS3170AF Datasheet HTML 7Page - STMicroelectronics STPS3170AF Datasheet HTML 8Page - STMicroelectronics STPS3170AF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2014
DocID027020 Rev1
1/10
10
STPS3170
Power Schottky rectifier
Datasheet
production data
Features
• Negligible switching losses
• High junction temperature capability
• Very small conduction losses
• Low leakage current
• Avalanche rated
• ECOPACK® compliant component
• Tj = -40 °C minimum operating
Description
The STPS3170 is a 170 V Schottky rectifier suited
for switch mode power supplies and high
frequency DC to DC converters.
Packaged in SMAflat and SMBflat, this device is
especially intended for use in low voltage, high
frequency inverters, freewheeling and polarity
protection. Also ideal for all LED lighting
applications where efficiency and space
constraint are required.
Table 1. Device summary
Symbol
Value
IF(AV)
3 A
VRRM
170 V
VF (typ)
0.63 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STPS3170AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3170 STMICROELECTRONICS-STPS3170 Datasheet
383Kb / 13P
   170 V, 3 A power Schottky rectifier
October 2019
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
   170 V, 3 A power Schottky rectifier
October 2019
More results

Similar Description - STPS3170AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com