Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67060-S6103-A4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67060-S6103-A4
Description  Smart Highside Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6103-A4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67060-S6103-A4 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6103-A4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BTS 410 F2
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
2003-Oct-01
Protection Functions
9
)
Initial peak short circuit current limit (pin 3 to 5)
10),
( max 450
µs if VON > VON(SC) )
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
4.0
3.5
2.0
--
5.5
3.5
11
10
7.5
A
Overload shutdown current limit
IL(SCr)
VON= 8 V, Tj = Tjt (see timing diagrams, page 11)
--
2.7
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 60
µs
td(SC)
--
--
450
µs
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL) IL= 40 mA, Tj =-40..+150°C: VON(CL)
61
68
73
V
IL= 1 A, Tj =-40..+150°C:
--
--
75
Short circuit shutdown detection voltage(pin 3 to 5) VON(SC)
--
8.5
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
T
jt
--
10
--
K
Reverse battery (pin 3 to 1)
11
)
-Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
(on-condition)
Tj=-40 ..150°C:
IL (OL)
2
--
150
mA
9)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
10
)
Short circuit current limit for max. duration of td(SC) max=450 µs, prior to shutdown
11
)
Requires 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 2 and circuit page 7).


Similar Part No. - Q67060-S6103-A4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67060-S6101-A2 SIEMENS-Q67060-S6101-A2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
Q67060-S6101-A3 SIEMENS-Q67060-S6101-A3 Datasheet
182Kb / 14P
   Smart Highside Power Switch
Q67060-S6101-A4 SIEMENS-Q67060-S6101-A4 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
Q67060-S6108-A2 INFINEON-Q67060-S6108-A2 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
Q67060-S6108-A3 INFINEON-Q67060-S6108-A3 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - Q67060-S6103-A4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com