Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLD41 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 1 Page - STMicroelectronics

  STLD41 Datasheet HTML 1Page - STMicroelectronics STLD41 Datasheet HTML 2Page - STMicroelectronics STLD41 Datasheet HTML 3Page - STMicroelectronics STLD41 Datasheet HTML 4Page - STMicroelectronics STLD41 Datasheet HTML 5Page - STMicroelectronics STLD41 Datasheet HTML 6Page - STMicroelectronics STLD41 Datasheet HTML 7Page - STMicroelectronics STLD41 Datasheet HTML 8Page - STMicroelectronics STLD41 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
June 2012
Doc ID 022283 Rev 5
1/19
19
STLD41
White LED driver for mid-size LCD display backlight
Datasheet
production data
Features
Boost DC-DC converter
Drives up to 40 LEDs (4 strings of 10) with a
total current up to 120 mA
Input voltage range: 3.0 V to 21 V
Output current control
1.4 MHz fixed frequency PWM control
PWM input for output current dimming with
frequency range 25 kHz - 50 kHz
2 A integrated switch
Overvoltage protection
Chip overtemperature detection and protection
Less than 1 µA standby current
Soft-start function
Package DFN8 (3 x 3) 0.65 mm pitch
Applications
Mini PCs
PMP & PND
Printers
Game consoles
Description
The STLD41 is a boost converter that operates
from 3.0 V to 21 V and can provide an output
voltage as high as 38 V. It can drive up to 40 white
LEDs connected in 4 strings of 10 LEDs in series.
The total output current capability is 120 mA at an
output voltage of 38 V. Regulation is performed by
the internal error amplifier which works with the
feedback voltage from the sensing resistor. The
device can be turned ON/OFF by way of the logic
signal connected to the EN pin. The LEDs can be
dimmed by applying a PWM signal to the PWM
pin.
DFN8 (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STLD41PUR
DFN8 (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STLD41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
   White led power supply for large display backlight
STLD40D STMICROELECTRONICS-STLD40D Datasheet
345Kb / 16P
   White LED power supply for large display backlight
May 2011 Rev 7
STLD40DPMR STMICROELECTRONICS-STLD40DPMR Datasheet
306Kb / 14P
   White led power supply for large display backlight
STLD40DPUR STMICROELECTRONICS-STLD40DPUR Datasheet
345Kb / 16P
   White LED power supply for large display backlight
May 2011 Rev 7
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
   White LED power supply for large display backlight
May 2011 Rev 7
More results

Similar Description - STLD41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
   White LED driver for display backlight
February 2011 Rev 1
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Micro Electronics
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
   WHITE SIDE BACKLIGHT FOR LCD DISPLAY
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
logo
Micro Electronics
2021-1G MICRO-ELECTRONICS-2021-1G Datasheet
35Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
3291G MICRO-ELECTRONICS-3291G Datasheet
41Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
B2A16LY MICRO-ELECTRONICS-B2A16LY Datasheet
39Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
1620G MICRO-ELECTRONICS-1620G Datasheet
37Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
2421G MICRO-ELECTRONICS-2421G Datasheet
43Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
1623Y MICRO-ELECTRONICS-1623Y Datasheet
39Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com