Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDH400PD0524 Datasheet(PDF) 2 Page - XP Power Limited

Part # SDH400PD0524
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDH400PD0524 Datasheet(HTML) 2 Page - XP Power Limited

  SDH400PD0524 Datasheet HTML 1Page - XP Power Limited SDH400PD0524 Datasheet HTML 2Page - XP Power Limited SDH400PD0524 Datasheet HTML 3Page - XP Power Limited SDH400PD0524 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Input
Output
SDH400
www.xppower.com
2
AC-DC Power Supplies
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
4.1
A
115 VAC (2.0 A at 230 VAC)
Inrush Current
70
A
230 VAC (35 A at 115 VAC)
Power Factor
>0.9
EN61000-3-2 class A
Earth Leakage Current
<0.5
mA
264 VAC
Input Protection
T6.3 A/250 V fuse
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
60
VDC
See Models and Ratings table
Output Voltage Trim
±5
%
V1 (V2 of dual output models will track by same % of
adjustment)
Initial Set Accuracy
±1
%
Minimum Load
1 / 10
A
Single / Dual (for regulation)
Start Up Delay
2.0
s
115 VAC
Start Up Rise Time
40
ms
PD1224 model typically 80ms
Hold Up Time
10
13
ms
115 VAC
Drift
±0.5
%
After 20 min warm up
Line Regulation
±0.5
%
Load Regulation
±1 / ±3 / ±5
%
Single / Dual V1 / Dual V2 outputs
Over/Undershoot
1.5
5%
Transient Response
±5
%
Deviation, recovery to within 1% in 500 µs for a 50%
load change
Ripple & Noise
1
% pk-pk
Measured at 20 MHz BW and 22 µF electrolytic
and 0.1 µF ceramic at terminals
Overvoltage Protection
130
%
V1 recycle AC input to reset
Overload Protection
110
140
%
Short Circuit Protection - V1
Trip and restart, auto recovery
Remote On/Off
Applying short circuit between Remote On/Off pin and signal return turns output off.
Remote Sense
Compensates for 0.5 V max. voltage drop on single output models only.
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
88 / 85
%
Single output / Dual output at 230 V and full load
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
250
VDC
Switching Frequency
60 / 27
kHz
PFC / PWM
Power Density
6.25
W/in3
Signals
Power Good
Mean Time Between Failure
115
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
2.42/1.1
lb (kg)


Similar Part No. - SDH400PD0524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDH40F ETC1-SDH40F Datasheet
55Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH40F SSDI-SDH40F Datasheet
43Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH40F SSDI-SDH40F Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
List of Unclassifed Man...
SDH40FSMS ETC1-SDH40FSMS Datasheet
55Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH40FSMS SSDI-SDH40FSMS Datasheet
43Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDH400PD0524

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com