Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI300N4F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI300N4F6
Description  N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI300N4F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STI300N4F6 Datasheet HTML 1Page - STMicroelectronics STI300N4F6 Datasheet HTML 2Page - STMicroelectronics STI300N4F6 Datasheet HTML 3Page - STMicroelectronics STI300N4F6 Datasheet HTML 4Page - STMicroelectronics STI300N4F6 Datasheet HTML 5Page - STMicroelectronics STI300N4F6 Datasheet HTML 6Page - STMicroelectronics STI300N4F6 Datasheet HTML 7Page - STMicroelectronics STI300N4F6 Datasheet HTML 8Page - STMicroelectronics STI300N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STI300N4F6
Electrical ratings
Doc ID 18062 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Limited by wire bonding
Drain current (continuous) at TC = 25 °C
160
A
ID
(1)
Drain current (continuous) at TC = 100 °C
160
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
640
A
PTOT
Total dissipation at TC = 25 °C
300
W
IAV
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
160
A
EAS
Single pulse avalanche energy
(starting TJ=25 °C, ID=IAV, VDD=35 V)
1100
mJ
Tstg
Storage temperature
- 55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5


Similar Part No. - STI300N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI30N65M5 STMICROELECTRONICS-STI30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
logo
Inchange Semiconductor ...
STI30N65M5 ISC-STI30N65M5 Datasheet
358Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STI30NM50N STMICROELECTRONICS-STI30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STI30NM60N STMICROELECTRONICS-STI30NM60N Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STI30NM60ND STMICROELECTRONICS-STI30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
More results

Similar Description - STI300N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STH320N4F6-2 STMICROELECTRONICS-STH320N4F6-2 Datasheet
1Mb / 19P
   N-channel 40 V, 1.1 m廓 typ., 200 A, H짼PAK-2, H짼PAK-6 STripFET??VI DeepGATE??Power MOSFET
February 2013 Rev 1
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
   P-channel 60 V, 0.13 廓 typ., 3 A STripFET??VI DeepGATE??Power MOSFET in a SOT-223 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com