Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPS40W60L1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPS40W60L1
Description  Dead time and interlocking function
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS40W60L1 Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPS40W60L1 Datasheet HTML 1Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 2Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 3Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 4Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STGIPS40W60L1
Electrical ratings
Doc ID 018866 Rev 3
5/21
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3.
Inverter part
Symbol
Parameter
Value
Unit
VCES
Each IGBT collector emitter voltage (VIN = 0)
600
V
± IC
(1)
1.
Calculated according to the iterative formula:
Each IGBT continuous collector current
at TC = 25°C
40
A
± ICP
(2)
2.
Pulse width limited by max junction temperature
Each IGBT pulsed collector current
80
A
PTOT
Each IGBT total dissipation at TC = 25°C
100
W
Table 4.
Control part
Symbol
Parameter
Min.
Max.
Unit
VOUT
Output voltage applied between
OUTU, OUTV, OUTW - GND
Vboot - 21
Vboot + 0.3
V
VCC
Low voltage power supply
- 0.3
21
V
VCIN
Comparator input voltage
- 0.3
VCC + 0.3
V
Vop+
OPAMP non-inverting input
- 0.3
VCC + 0.3
V
Vop-
OPAMP inverting input
- 0.3
VCC + 0.3
V
Vboot
Bootstrap voltage
- 0.3
620
V
VIN
Logic input voltage applied between HIN, LIN and
GND
- 0.3
15
V
VSD/OD
Open drain voltage
- 0.3
15
V
dVOUT/dt
Allowed output slew rate
50
V/ns
Table 5.
Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each
pin and heatsink plate (AC voltage, t = 60 sec.)
2500
V
TJ
Power chips operating junction temperature
-40 to 150
°C
TC
Module case operation temperature
-40 to 125
°C
I
C TC
()
T
jmax
() TC
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=


Similar Part No. - STGIPS40W60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIPS10C60-H STMICROELECTRONICS-STGIPS10C60-H Datasheet
707Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
   IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
More results

Similar Description - STGIPS40W60L1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
   Programmable Dead-Time
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Motorola, Inc
AN2531 MOTOROLA-AN2531 Datasheet
473Kb / 28P
   Standard Space Vector Modulation with Dead-Time Correction - XOR version TPU Function Set
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com