Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGF17NC60SD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGF17NC60SD
Description  17 A, 600 V fast IGBT with Ultrafast diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF17NC60SD Datasheet(HTML) 3 Page - STMicroelectronics

  STGF17NC60SD Datasheet HTML 1Page - STMicroelectronics STGF17NC60SD Datasheet HTML 2Page - STMicroelectronics STGF17NC60SD Datasheet HTML 3Page - STMicroelectronics STGF17NC60SD Datasheet HTML 4Page - STMicroelectronics STGF17NC60SD Datasheet HTML 5Page - STMicroelectronics STGF17NC60SD Datasheet HTML 6Page - STMicroelectronics STGF17NC60SD Datasheet HTML 7Page - STMicroelectronics STGF17NC60SD Datasheet HTML 8Page - STMicroelectronics STGF17NC60SD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STGF17NC60SD
Electrical characteristics
Doc ID 018834 Rev 1
3/9
2
Electrical characteristics
Tj = 25°C unless otherwise specified.
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE= 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 12 A
VGE = 15 V, IC = 12 A,
Tj =125°C
1.55
1.35
1.9
V
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
4.2
6.2
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, Tj =125°C
150
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V, VCE = 0
±100
nA
gfs
Forward transconductance
VCE = 15 V, IC = 12 A
10
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
1190
135
28.5
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 480 V, IC = 12 A,
VGE = 15 V, Figure 3
-
54.5
8.7
25.8
-
nC
nC
nC
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480 V, IC = 12 A
RG = 10 Ω, VGE = 15 V,
Figure 4
-
17.5
6.2
1870
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480 V, IC = 12 A
RG = 10 Ω, VGE= 15 V,
Tj = 125°C, Figure 4
-
17
6.5
1700
-
ns
ns
A/µs
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 480 V, IC = 12 A
RG = 10 Ω, VGE = 15 V,
Figure 4
-
90
175
215
-
ns
ns
ns
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 480 V, IC = 12 A
RG = 10 Ω, VGE = 15 V,
Tj = 125°C, Figure 4
-
155
245
290
-
ns
ns
ns


Similar Part No. - STGF17NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF100N30 STMICROELECTRONICS-STGF100N30 Datasheet
699Kb / 13P
   90 A - 330 V - fast IGBT
February 2009 Rev 1
STGF10H60DF STMICROELECTRONICS-STGF10H60DF Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, H series 600 V, 10 A high speed
October 2013 Rev 2
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
   Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
More results

Similar Description - STGF17NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
   19 A, 600 V - ultrafast IGBT
November 2016 Rev 4
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com