Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDS3000PS48 Datasheet(PDF) 2 Page - XP Power Limited

Part # HDS3000PS48
Description  Fully Featured Signals AND Controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDS3000PS48 Datasheet(HTML) 2 Page - XP Power Limited

  HDS3000PS48 Datasheet HTML 1Page - XP Power Limited HDS3000PS48 Datasheet HTML 2Page - XP Power Limited HDS3000PS48 Datasheet HTML 3Page - XP Power Limited HDS3000PS48 Datasheet HTML 4Page - XP Power Limited HDS3000PS48 Datasheet HTML 5Page - XP Power Limited HDS3000PS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HDS3000 Series
www.xppower.com
2
AC-DC Power Supplies
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
60
VDC
See Models and Ratings table
Output Trim
±5.0
%
By potentionmeter
Output Voltage Program
0
105
%
Of rated output
Output Current Program
0
105
%
Of rated output
Initial Set Accuracy
±1
%
Minimum Load
0A
Start Up Delay
2s
Start Up Rise Time
150
ms
At full load
Hold Up Time
8
ms
Line Regulation
±1.0
%
Load Regulation
±1 (V1) /±3
%
0-100% load. V1/5 V Standby
Transient Response
<1
%
For a 25% step load change
Ripple & Noise
150
300
mV pk-pk
See models and ratings table.
Measured with 20 MHz bandwidth and using 12” twisted
pair wire terminated with 0.1 µF ceramic capacitor and
47 µF electrolytic.
Overvoltage Protection
Tracks output voltage, see application notes
Recycle AC to reset
Overtemperature Protection
Primary and secondary heatsinks, monitored
Output shuts down, auto recovers
Overload Protection
105
%
Rated power, constant current
Short Circuit Protection
Auto recovery
Temperature Coefficient
±0.02
%/˚C
0-50 °C
Remote Sense
Compensates for 0.5 V max voltage drop, if remote sense is not required, local sense must be used
Enable
Output must be enabled, see application notes, power supply is shipped with enable links fitted
Current Share
5 supplies can share within 5%
Standby Output
5 V at 0.5 A, present whenever AC is applied (9 V at 0.3 A, user selectable, by connecting ‘VSET’, Pin 18 of CN2 to GND)
Output Voltage Programming
Output Current Programming
Via External Voltage
0
20
40
60
80
100
120
01
23
45
Programming Voltage (VDC)
Via External Resistor
0
20
40
60
80
100
120
01
2
3
4
5
Resistor Value (kΩ )
4.5 4.8
4.5 4.8
Via External Voltage
0
20
40
60
80
100
120
01
23
45
Programming Voltage (VDC)
Via External Resistor
0
20
40
60
80
100
120
01
2
3
4
5
Resistor Value (kΩ)
4.5 4.8
4.5 4.8


Similar Part No. - HDS3000PS48

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HDS3000-24V DELTA-HDS3000-24V Datasheet
190Kb / 1P
   Power System
HDS3000-48V DELTA-HDS3000-48V Datasheet
183Kb / 1P
   Power System
More results

Similar Description - HDS3000PS48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
   Fully Featured Signal Set
logo
Panasonic Semiconductor
AQV21 PANASONIC-AQV21 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Analog Devices
UG-1042 AD-UG-1042 Datasheet
2Mb / 24P
   Fully featured evaluation board for 10-lead precision
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
   Protection Relays and Controls
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com