Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL5253B Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DL5253B
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DL5253B Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  DL5253B Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DL5253B Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. DL5253B Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL52/ZMM52-SERIES
ZENER DIODES
Zener Voltage:2.4-56V
Peak Pulse Power:500mW
Case: MINI MELF molded glass body
Terminals: Plated axial leads, solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.002 ounce,0.05 grams
FEATURE
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
C
Zener Current see Table Characteristics
Power Dissipation at Tamb=25 C(Note 1)
Junction Temperature
Storage Temperature Range
Thermal resistance junction ambient(Note 1)
Forward voltage at IF=200mA
SYMBOLS
UNITS
VALUE
mW
K/mW
V
Ratings at 25 C ambient temperature unless otherwise specified.
Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Ptot
Tj
TSTG
RqJA
VF
C
500
200
-65 to + 200
0.3
1.1
0.146(3.7)
0.130(3.3)
0.063(1.6)
0.055(1.4)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
MINI MELF
Low zener impedance
Low regulation factor
Glass passivated junction
High temperature soldering guaranteed:
260 C/10S at terminals
www.shunyegroup.com.cn


Similar Part No. - DL5253B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL5253B DCCOM-DL5253B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
DL5253B SY-DL5253B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
DL5253B CHENDA-DL5253B Datasheet
147Kb / 3P
   ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
logo
Micro Commercial Compon...
DL5253B MCC-DL5253B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DL5253B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com